| 전자부품 데이터시트 검색엔진 |
|
BZX83C10RL 데이터시트(PDF) 14 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
BZX83C10RL 데이터시트(HTML) 14 Page - Motorola, Inc |
|
14 / 42 page ![]() GENERAL DATA — 500 mW DO-35 GLASS Motorola TVS/Zener Device Data 6-110 500 mW DO-35 Glass Data Sheet *ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted.) (VF = 1.5 Volts Max @ IF = 100 mAdc for all types.) Di T Zener Voltage (Note 1) (Note 4) Impedance (Ohm) @ IZT f = 1000 Hz Leakage Current ( µA) Temp. Coefficient (Typical) (mV/ °C) Capacitance (Typical) (pF) Device Type (Note 2) Min Max IZT = (mA) Max (Note 3) Max @VR = (Volt) Min Max (pF) VR = 0, f = 1.0 MHz BZX79C2V4RL 2.2 2.6 5 100 100 1 –3.5 0 255 BZX79C2V7RL 2.5 2.9 5 100 75 1 –3.5 0 230 BZX79C3V0RL 2.8 3.2 5 95 50 1 –3.5 0 215 BZX79C3V3RL 3.1 3.5 5 95 25 1 –3.5 0 200 BZX79C3V6RL 3.4 3.8 5 90 15 1 –3.5 0 185 BZX79C3V9RL 3.7 4.1 5 90 10 1 –3.5 +0.3 175 BZX79C4V3RL 4 4.6 5 90 5 1 –3.5 +1 160 BZX79C4V7RL 4.4 5 5 80 3 2 –3.5 +0.2 130 BZX79C5V1RL 4.8 5.4 5 60 2 2 –2.7 +1.2 110 BZX79C5V6RL 5.2 6 5 40 1 2 –2 +2.5 95 BZX79C6V2RL 5.8 6.6 5 10 3 4 0.4 3.7 90 BZX79C6V8RL 6.4 7.2 5 15 2 4 1.2 4.5 85 BZX79C7V5RL 7 7.9 5 15 1 5 2.5 5.3 80 BZX79C8V2RL 7.7 8.7 5 15 0.7 5 3.2 6.2 75 BZX79C9V1RL 8.5 9.6 5 15 0.5 6 3.8 7 70 BZX79C10RL 9.4 10.6 5 20 0.2 7 4.5 8 70 BZX79C11RL 10.4 11.6 5 20 0.1 8 5.4 9 65 BZX79C12RL 11.4 12.7 5 25 0.1 8 6 10 65 BZX79C13RL 12.4 14.1 5 30 0.1 8 7 11 60 BZX79C15RL 13.8 15.6 5 30 0.05 10.5 9.2 13 55 BZX79C16RL 15.3 17.1 5 40 0.05 11.2 10.4 14 52 BZX79C18RL 16.8 19.1 5 45 0.05 12.6 12.9 16 47 BZX79C20RL 18.8 21.2 5 55 0.05 14 14.4 18 36 BZX79C22RL 20.8 23.3 5 55 0.05 15.4 16.4 20 34 BZX79C24RL 22.8 25.6 5 70 0.05 16.8 18.4 22 33 BZX79C27RL 25.1 28.9 2 80 0.05 18.9 23.5 30 BZX79C30RL 28 32 2 80 0.05 21 26 27 BZX79C33RL 31 35 2 80 0.05 23.1 29 25 BZX79C36RL 34 38 2 90 0.05 25.2 31 23 BZX79C39RL 37 41 2 130 0.05 27.3 34 21 BZX79C43RL 40 46 2 150 0.05 30.1 37 21 BZX79C47RL 44 50 2 170 0.05 32.9 40 19 BZX79C51RL 48 54 2 180 0.05 35.7 44 19 BZX79C56RL 52 60 2 200 0.05 39.2 47 18 BZX79C62RL 58 66 2 215 0.05 43.4 51 17 BZX79C68RL 64 72 2 240 0.05 47.6 56 17 BZX79C75RL 70 79 2 255 0.05 52.5 60 16.5 BZX79C82RL 77 87 2 280 0.1 62 46 95 29 BZX79C91RL 85 96 2 300 0.1 69 51 107 28 BZX79C100RL 94 106 1 500 0.1 76 57 119 27 BZX79C110RL 104 116 1 650 0.1 84 63 131 26 BZX79C120RL 114 127 1 800 0.1 91 69 144 24 BZX79C130RL 124 141 1 950 0.1 99 75 158 23 BZX79C150RL 138 156 1 1250 0.1 114 87 185 21 BZX79C160RL 153 171 1 1400 0.1 122 93 200 20 BZX79C180RL 168 191 1 1700 0.1 137 105 228 18 BZX79C200RL 188 212 1 2000 0.1 152 120 255 17 NOTE 1. Zener voltage is measured under pulse conditions such that TJ is no more than 2°C above TA. NOTE 2. TOLERANCE AND VOLTAGE DESIGNATION Tolerance designation —– The type numbers listed have zener voltage min/max limits as shown. Device tolerances of ±2% are indicated by a “B” instead of a “C,” and ±1% by “A.” NOTE 3. ZZT is measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 1.0 kHz. |