| 전자부품 데이터시트 검색엔진 |
|
DS2770BE/T 데이터시트(PDF) 5 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2770BE/T 데이터시트(HTML) 5 Page - Dallas Semiconductor |
|
5 / 27 page ![]() DS2770 5 of 27 APPLICATION EXAMPLE Figure 2 VDD FMMT718 4403 UV CC VCH SNS SNS SNS IS2 NC VIN DQ VSS VSS VSS NC IS1 Lithium Protection Circuit 4.7k W 1k W 1k W 100 W 150 W 0.1 mF0.1mF 360 W 0.1 mF R SNS (1) 150 W PACK+ CHARGE SOURCE PACK- DATA R SNS-INT (2) Voltage Sense DS2770 VSS SNS IS2 IS1 5.1V 1 — RSNS is present for external sense resistor configuration only. 2 — RSNS-INT is present for internal sense resistor configuration only. |