전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC37N769 데이터시트(PDF) 13 Page - SMSC Corporation

부품명 FDC37N769
상세설명  3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N769 데이터시트(HTML) 13 Page - SMSC Corporation

Back Button FDC37N769 Datasheet HTML 9Page - SMSC Corporation FDC37N769 Datasheet HTML 10Page - SMSC Corporation FDC37N769 Datasheet HTML 11Page - SMSC Corporation FDC37N769 Datasheet HTML 12Page - SMSC Corporation FDC37N769 Datasheet HTML 13Page - SMSC Corporation FDC37N769 Datasheet HTML 14Page - SMSC Corporation FDC37N769 Datasheet HTML 15Page - SMSC Corporation FDC37N769 Datasheet HTML 16Page - SMSC Corporation FDC37N769 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
SMSC DS – FDC37N769
Page 13 of 137
Rev. 12/21/2000
TQFP
PIN #
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
ALTERNATE IR PINS/MISC
18
14.318
MHz Input
Clock
CLK14
ICLK
The external connection to a single source 14.318
MHz clock.
23
IR Receive
2
IRRX2
IS
IR Receive input
24
IR Transmit
2
(Note
5)
IRTX2
O12PD
IR transmit output
92
Drive 2/
Address X/
Interrupt
Request B
DRV2
nADRX
IRQ_B
I/OD12/
(O12/
OD12)
In PS/2 mode, this input indicates whether a second
drive is connected; DRV2 should be low if a second
drive is connected. This status is reflected in a read
of Status Register A.
Active low address decode out: used to decode a 1,
8, or 16 byte address block. (An external pull-up is
required). Refer to Configuration registers CR03,
CR08 and CR09 for more information.
The interrupt request from a logical device or IRQIN
may be output on IRQ_B. Refer to the configuration
registers for more information. If EPP or ECP Mode
is enabled, this output is pulsed low and released to
allow sharing of interrupts.
21
IR Mode/ IR
Receive 3
IRMODE
IRR3
O6/IS
IR mode
IR Receive 3
56
Power
Good/
nGame
Port Chip
Select
PWRGD
nGAMECS
I/O4
This active high input indicates that the power (VCC)
is valid.
For device operation PWRGD must be
active.
When PWRGD is inactive, all inputs are
disconnected and put into a low power mode; all
outputs are put into high impedance. The contents af
all registers are preserved as long as VCC is valid.
The output driver current drain when PWRGD is
inactive mode drops to ISTBY - standby current.
This is the Game Port Chip Select output - active low.
It will go active when the I/O address, qualified by
AEN, matches that selected in Configuration register
CR1E.
96
External
Interrupt
Input
IRQIN
IS
This pin is used to steer an interrupt signal from an
external device onto one of eight IRQ outputs IRQA-
H.
POWER INTERFACE
13,70
Power
VCC
Positive Supply Voltage.
4,45,
65,93
Ground
GND
Ground Supply.
Note 1:nRI and the UART interrupts are active when PWRGD is active and the UARTS are either fully powered or in
AUTOPOWER DOWN mode.
Note 2:The FDD output pins multiplexed in the PARALLEL PORT INTERFACE are OD drivers only and are not affected
by the FDD Output Driver Controls (see section CR05 on page 102).
Note 3:Active (push-pull) output drivers are required on these pins in the enhanced parallel port
modes.
Note 4:An external pull-up must be provided for IOCHRDY.
Note 5:The pull-down on this pin is always active including when the output driver is tristated and regardless of the state
of PWRGD.
Buffer Type Summmary
Table 2 below describes the buffer types shown in Table 1. All values are specified at Vcc = +3.3v, ±10%
Table 2 - FDC37N769 3.3V Buffer Type Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com