전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT82K629A 데이터시트(PDF) 8 Page - Holtek Semiconductor Inc

부품명 HT82K629A
상세설명  Windows 2000 USBPS/2 Keyboard Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K629A 데이터시트(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT82K629A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K629A Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
HT82K629A
Rev. 1.30
8
April 16, 2004
Key Number
and Symbol
Make/Break Code
Key Number
and Symbol
Make/Break Code
42
Keycode42 (*5BJ)
2B/AB
120
F9
43/C3
43
Enter_L
1C/9C
121
F10
44/C4
44
Shift (L)
2A/AA
122
F11
57/D7
45
Keycode45 (*5B)
56/D6
123
F12
58/D8
46
Z
2C/AC
125
Scroll Lock
46/C6
Key Number
and Symbol
Base Case
Shift+Num
Left-Shift
Right-Shift
Num Lock
75
76
79
80
81
83
84
85
86
89
Insert
Delete
¬
Home
End
­
¯
PgUp
PgDn
®
E0 52
/E0 D2
E0 53
/E0 D3
E0 4B
/E0 CB
E0 47
/E0 C7
E0 4F
/E0 CF
E0 48
/E0 C8
E0 50
/E0 D0
E0 49
/E0 C9
E0 51
/E0 D1
E0 4D
/E0 CD
E0 AA E0 52
/E0 D2 E0 2A
E0 AA E0 53
/E0 D3 E0 2A
E0 AA E0 4B
/E0 CB E0 2A
E0 AA E0 47
/E0 C7 E0 2A
E0 AA E0 4F
/E0 CF E0 2A
E0 AA E0 48
/E0 C8 E0 2A
E0 AA E0 50
/E0 D0 E0 2A
E0 AA E0 49
/E0 C9 E0 2A
E0 AA E0 51
/E0 D1 E0 2A
E0 AA E0 4D
/E0 CD E0 2A
E0 B6 E0 52
/E0 D2 E0 36
E0 B6 E0 53
/E0 D3 E0 36
E0 B6 E0 4B
/E0 CB E0 36
E0 B6 E0 47
/E0 C7 E0 36
E0 B6 E0 4F
/E0 CF E0 36
E0 B6 E0 48
/E0 C8 E0 36
E0 B6 E0 50
/E0 D0 E0 36
E0 B6 E0 49
/E0 C9 E0 36
E0 B6 E0 51
/E0 D1 E0 36
E0 B6 E0 4D
/E0 CD E0 36
E0 2A E0 52
/E0 D2 E0 AA
E0 2A E0 53
/E0 D3 E0 AA
E0 2A E0 4B
/E0 CB E0 AA
E0 2A E0 47
/E0 C7 E0 AA
E0 2A E0 4F
E0 CF E0 AA
E0 2A E0 48
E0 C8 E0 AA
E0 2A E0 50
/E0 D0 E0 AA
E0 2A E0 49
/E0 C9 E0 AA
E0 2A E0 51
E0 D1 E0 AA
E0 2A E0 4D
E0 CD E0 AA
When both shift keys are held down:
key number 75
Both Shift
E0 AA E0 B6 E0 52/E0 D2 E0 2A E0 36
Key Number
and Symbol
Base
Left-Shift
Right-Shift
95
/
E0 35/E0 B5
E0 AA E0 35/E0 B5 E0 2A E0 B6 E0 35/E0 B5 E0 36
When both shift keys are held down: key number 95
Both Shift
E0 AA E0 B6 E0 35/E0 B5 E0 2A E0 36
Key Number
and Symbol
Base
Shift/Ctrl
Alt
124
Print Screen
E0 2A E0 37/E0 B7 E0 AA
E0 37/E0 B7
54/D4
Key Number
and Symbol
Base
Ctrl
126
Pause
E1 1D 45 E1 9D C5
E0 46 E0 C6
This key is not typematic, all associated scan codes occur on the make code.
Key Number
and Function
Make/Break Code
Default
56 (*BJ)
Brazil BA0
73/F3
Make/Break/Typematic
131 (*J)
Japanese J131
7B/FB
Make/Break/Typematic
132 (*J)
Japanese J132
79/F9
Make/Break/Typematic
133 (*J)
Japanese J133
70/F0
Make/Break/Typematic
150
Korea KC-L
F1/
-
Make
151
Korea KC-R
F0/
-
Make



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com