| 전자부품 데이터시트 검색엔진 |
|
ICS8752 데이터시트(PDF) 4 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS8752 데이터시트(HTML) 4 Page - Integrated Circuit Systems |
|
4 / 15 page ![]() 8752CY www.icst.com/products/hiperclocks.html REV. A AUGUST 19, 2002 4 Integrated Circuit Systems, Inc. ICS8752 LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER TABLE 4B. QB OUTPUT FREQUENCY W/FB_IN = QA s t u p n Is t u p t u O N I _ B F _ V I D 1 A L E S _ V I D 0 A L E S A Qt u p t u O e d o M r e d i v i D ) 2 E T O N ( ) z H M ( 1 K L C , 0 K L C ) 1 E T O N ( _ V I D 1 B L E S _ V I D 0 B L E S t u p t u O B Q e d o M r e d i v i D r e i l p i t l u M B Q ) 2 E T O N ( m u m i n i Mm u m i x a M A Q0 0 ÷2 0 1 10 4 2 ) 3 E T O N ( 00 ÷4 5 . 0 01 ÷6 3 3 3 . 0 10 ÷8 5 2 . 0 11 ÷ 2 1 7 6 1 . 0 A Q0 1 ÷4 5 50 2 1 00 ÷4 1 01 ÷6 7 6 6 . 0 10 ÷8 5 . 0 11 ÷ 2 1 3 3 3 . 0 A Q1 0 ÷6 6 6 . 6 30 8 00 ÷4 5 . 1 01 ÷6 1 10 ÷8 5 7 . 0 11 ÷ 2 1 5 . 0 A Q1 1 ÷8 5 . 7 20 6 01 ÷4 2 01 ÷6 3 3 3 . 1 10 ÷8 1 11 ÷ 2 1 7 6 6 . 0 . z H M 0 8 4 o t z H M 0 2 2 s i e g n a r y c n e u q e r f O C V : 1 E T O N ; r e il p i t l u m e h t s e m i t y c n e u q e r f x K L C o t l a u q e y c n e u q e r f t u p t u o B Q : 2 E T O N . x K L C o t l a u q e y c n e u q e r f t u p t u o A Q V r o f d il a v z H M 0 4 2 f o y c n e u q e r f m u m i x a M : 3 E T O N C C . y l n o % 5 ± V 3 . 3 = |