전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-H2-R005-F1-K2-0.1 데이터시트(PDF) 1 Page - RHOPOINT COMPONENTS

부품명 A-H2-R005-F1-K2-0.1
상세설명  Precision Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RHOPOINT [RHOPOINT COMPONENTS]
홈페이지  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

A-H2-R005-F1-K2-0.1 데이터시트(HTML) 1 Page - RHOPOINT COMPONENTS

  A-H2-R005-F1-K2-0.1 Datasheet HTML 1Page - RHOPOINT COMPONENTS A-H2-R005-F1-K2-0.1 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Resistors
Typ / type A-H
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Ausgabe / Issue : 31/10/2000
A-H 1 / 2
Technische Änderungen vorbehalten - technical modifications reserved
Temperaturabhängigkeit des elektrischen Widerstandes von
MANGANIN-Widerständen
temperature dependence of the electrical resistance of
MANGANIN-resistors
The Resistor type A-H with its isolated current and voltage
connections configured as a four-terminal resistor ( i.e.,
Kelvin connection ) is ideally suited for precise current
measurement, current limitation or regulation in power
units, current sources, and electronic loads. It is also
applied for current measurements in pulse width modulated
( PWM ) control circuits for inductive users such as servo
and stepper motors and solenoid driver circuits.
Designinfoiltechniqueandapplicationofprecisionresistance
alloy MANGANIN warrants for a long-term stability. By
optimization of the shape, a high load capacity was obtained
while maintaining accuracy and low inductance. The low
thermal resistance to the aluminum base plate of < 3 K/W
permits loading up to 10 W with only little self-heating.
Remarks:
- please note that the above standard values are available
- Tolerance 0.1% for values from 5 mOhm
-40
-20
20
40
60
80
100
120
T [oC]
-1
-0.5
0.5
1
∆R/R
20 [%]
0
20
40
60
80
100
120
T
U / [
oC]
0.25
0.5
0.75
1
P / P
Nenn
power derating curve
a
t
a
d
l
a
c
i
n
h
c
e
Ta
t
a
d
l
a
c
i
n
h
c
e
T
a
t
a
d
l
a
c
i
n
h
c
e
T
a
t
a
d
l
a
c
i
n
h
c
e
Ta
t
a
d
l
a
c
i
n
h
c
e
T
1
H
-
A
n
o
i
s
r
e
v
s
e
u
l
a
v
e
c
n
a
t
s
i
s
e
r
e
l
b
a
l
i
a
v
a
m
h
O
)
0
0
1
,
0
2
,
0
1
,
5
,
2
,
1
(
m
h
O
m
)
0
0
5
,
0
0
2
,
0
0
1
,
0
5
,
2
2
,
0
1
,
5
,
2
,
1
(
s
e
c
n
a
r
e
l
o
t
%
1
,
%
5
.
0
,
%
1
.
0
)
m
h
O
m
0
2
>
R
(
r
c
t
t
n
e
i
c
i
f
f
e
o
c
e
r
u
t
a
r
e
p
m
e
t
)
C
°
0
6
o
t
C
°
0
2
(
K
/
m
p
p
0
1
±
<
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
l
b
a
c
i
l
p
p
a
C
°
5
2
1
+
o
t
C
°
5
5
-
y
t
i
c
a
p
a
c
d
a
o
l
d
e
d
i
v
o
r
p
k
n
i
s
t
a
e
h
h
t
i
w
W
0
1
e
t
a
l
p
e
s
a
b
m
u
i
n
i
m
u
l
a
o
t
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
W
/
K
3
<
h
t
R
e
c
n
e
i
b
m
a
o
t
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
W
/
K
5
1
e
g
a
t
l
o
v
g
n
i
d
n
a
t
s
h
t
i
w
c
i
r
t
c
e
l
e
i
d
C
A
V
0
0
5
)
m
h
O
m
0
1
=
R
(
e
c
n
a
t
c
u
d
n
i
H
n
0
1
<
)
e
r
u
t
a
r
e
p
m
e
t
l
i
o
f
C
°
5
2
1
t
a
(
y
t
i
l
i
b
a
t
s
h
0
0
0
,
2
r
e
t
f
a
%
1
.
0
<
n
o
i
t
a
i
v
e
d


유사한 부품 번호 - A-H2-R005-F1-K2-0.1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-H ETC-A-H Datasheet
604Kb / 1P
FOUR TERMINAL PRECISION RESISTORS
logo
Isabellenhütte Heu...
A-H ISABELLENHUETTE-A-H Datasheet
801Kb / 4P
Precision resistors
A-H1-R005-F1-K2-1.0 ISABELLENHUETTE-A-H1-R005-F1-K2-1.0 Datasheet
801Kb / 4P
Precision resistors
logo
Assmann Electronics Inc...
A-HDF-15-LL-WP ASSMANN-A-HDF-15-LL-WP Datasheet
112Kb / 1P
D-SUB,HO,HD-15PFFS
A-HDF-26-AA-WP ASSMANN-A-HDF-26-AA-WP Datasheet
118Kb / 1P
D-SUB,HD,HD-26PFFP
More results

유사한 설명 - A-H2-R005-F1-K2-0.1

제조업체부품명데이터시트상세설명
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
RHOPOINT COMPONENTS
BVE-M-R0002 RHOPOINT-BVE-M-R0002 Datasheet
62Kb / 3P
Precision Resistors
SMH-B-R010-1.0 RHOPOINT-SMH-B-R010-1.0 Datasheet
139Kb / 3P
Precision Resistors
logo
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
PRECISION RESISTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com