전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CFM-80 데이터시트(PDF) 4 Page - CUI INC

부품명 CFM-80
상세설명  DC AXIAL FAN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo CUI - CUI INC

CFM-80 데이터시트(HTML) 4 Page - CUI INC

  CFM-80 Datasheet HTML 1Page - CUI INC CFM-80 Datasheet HTML 2Page - CUI INC CFM-80 Datasheet HTML 3Page - CUI INC CFM-80 Datasheet HTML 4Page - CUI INC CFM-80 Datasheet HTML 5Page - CUI INC CFM-80 Datasheet HTML 6Page - CUI INC CFM-80 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
date 08/15/2016
│ page 4 of 7
CUI Inc
│ SERIES: CFM-80 │ DESCRIPTION: DC AXIAL FAN
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor
4 pole DC brushless
bearing system
ball bearing
direction of rotation
counter-clockwise viewed from front of fan blade
dimensions
CFM-8010 models: 80 x 80 x 10.6
CFM-8015 models: 80 x 80 x 15.4
CFM-8025 models: 80 x 80 x 25.4
mm
mm
mm
material
PBT (UL94V-0)
weight
CFM-8010-13 models
CFM-8015-13 models
CFM-8025-13 models
CFM-8025-23 models
42.6
59.2
87.7
91.6
g
g
g
g
MECHANICAL DRAWING
units: mm [inch]
CFM-8010
CFM-8015
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
Yellow
FG Signal
White
RD Signal
Blue
PWM
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
Yellow
FG Signal
White
RD Signal
Blue
PWM
wire: UL 1061, 26 AWG
wire: UL 1061, 26 AWG
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com