| 전자부품 데이터시트 검색엔진 |
|
NFCC04102ADPAF 데이터시트(PDF) 4 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NFCC04102ADPAF 데이터시트(HTML) 4 Page - NIC-Components Corp. |
|
4 / 5 page ![]() 4 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Item Specification Test Method Surface Temperature Rise 75°C Ambient Temperature: 10°C ~ 30°C Applied Current: Rated Current Current Capability No fusing Rated Current x 110% @ 70°C ± 2°C for 1 hr Working Temperature Range -55°C ~ +125°C - Time/Current Characteristic See Available Values and Ratings Tables Option Code AD Rated Current x 250% Pre-acting time 5 sec. max. Test current shall be applied continuously to the fuse mounted on the test substrate AB Rated Current x 200% Pre-acting time 5 sec. max. Bending Strenght No Visible Damage Internal Resistance Change ±3% (AD, AB) JIS C0051:1994 7.4.1 On the test substrate bending value is 3mm for 10 ±1 sec. Solderability At least 95% coverage of the terminal surface JIS C0054:1994 Immersion into solder at 235C ±5°C for 2 ± 0.5 secs. Resistance to Soldering Heat No Visible Damage Internal resistance range ±10% max. Immersion into solder at 260°C for 10 sec. Reflow Soldering 1. Pre-heating: 150°C ±5°C, 120 sec. max. 2. T max. 240°C ±5°C, 10 sec. max, 2 passes Endurance (Load Life) Within 10% of voltage drop At normal ambient temperature & RH on the test substrate Rated Current x 1.05, 1 hour "ON", 1/4 hour "OFF", 100 cycles Rated current x 1.25 for 1 hour Surface Mount Fuse NFCC & NFHC Series RECOMMENDED REFLOW PROFILE Peak Temperature (245°C for 5 sec.) 50 100 150 200 250 300 Time Pre-heat 150°C ~ 180°C 120 sec. max. 25 0 Cool Down Time above 220°C 30 sec. max. Case Size Reflow Soldering Flow Soldering A B CD A B CD 0402 0.5 1.3 0.5 0.4 N/A 0603 1.0 2.0 0.8 0.5 1.0 2.6 0.8 0.8 0805 1.3 2.7 1.25 0.7 1.3 3.1 1.25 0.9 1206 2.2 3.9 1.6 0.85 2.2 4.3 1.6 1.05 A B D C D RECOMMENDED FLOW PROFILE Peak Temperature (245°C ~ 250°C) 50 100 150 200 250 300 Time Pre-heat 110°C ~ 130°C 120 sec. max. 25 0 Cool Down Note: 0402 Reflow Only Recommended Land Pattern Dimensions (mm) FUSING TIME CURRENT CHARACTERISTICS (see website: www.niccomp.com/catalog/fusingcharacteristics.pdf) |