전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS14 데이터시트(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

부품명 SS14
상세설명  SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
홈페이지  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

SS14 데이터시트(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  SS14 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SS14 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
Parameter
Symbols
SS12
SS13
SS14
SS15
SS16
SS18
SS110
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current
I(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
Method)
IFSM
40
A
Maximum Instantaneous Forward Voltage at 1 A
VF
0.50
0.70
0.80
V
Maximum DC Reverse Current
TA = 25
OC
at Rated DC Blocking Voltage
TA = 100
OC
IR
0.5
mA
6
5
Typical Junction Capacitance
1)
CJ
110
90
pF
Typical Thermal Resistance
2)
RθJA
88
OC/W
Operating Junction Temperature Range
TJ
- 65 to + 125
- 65 to + 150
OC
Storage Temperature Range
TS
- 65 to + 150
OC
MAXIMUM RATINGS
AND
ELECTRICAL
CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For
capacitive load, derate current by 20%.
4.50
77
32
0
52
DO-214AC (SMA)
SCHOTTKY DIODES
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction, majority carrier conduction
Built-in strain relief, ideal for automated placement
Low power loss, high efficiency.
High forward surge current capability
MECHANICAL DATA
SMA (DO-214AC) molded plastic body
leads solderable per MIL-STD-750, Method 2026
color band denotes cathode end
SS14---SS110
1)Measured at 1MHz and applied reverse voltage of 4 V D.C.
2) P.C.B. mounted with 0.2 X 0.2" (5 X 5 mm) copper pad areas.


유사한 부품 번호 - SS14

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SS14 PANJIT-SS14 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS14 SURGE-SS14 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS14 TRSYS-SS14 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS14 JGD-SS14 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS14 SSE-SS14 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SS14

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com