전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMV116MF 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LMV116MF
상세설명  Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV116MF 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  LMV116MF Datasheet HTML 1Page - National Semiconductor (TI) LMV116MF Datasheet HTML 2Page - National Semiconductor (TI) LMV116MF Datasheet HTML 3Page - National Semiconductor (TI) LMV116MF Datasheet HTML 4Page - National Semiconductor (TI) LMV116MF Datasheet HTML 5Page - National Semiconductor (TI) LMV116MF Datasheet HTML 6Page - National Semiconductor (TI) LMV116MF Datasheet HTML 7Page - National Semiconductor (TI) LMV116MF Datasheet HTML 8Page - National Semiconductor (TI) LMV116MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
±5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = −5V, V
CM =VO = 0V, and RF =2k
Ω, and R
L
=1k
Ω to V+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
TH
SD
Shut-down Threshold
(LMV118)
I
S
≤ 50µA
4.25
4.60
V
I
SD
Shutdown Pin Input Current
(LMV118)
(Note 7)
−20
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Positive current corresponds to current flowing into the device.
Note 8: Slew rate is the average of the rising and falling slew rates.
Note 9: Machine Model, 0
Ω in series with 200pF.
Note 10: Short circuit test is a momentary test. See Note 11.
Note 11: Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
Note 12: Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
Note 13: Guaranteed based on characterization only.
Connection Diagrams
SOT23-5 (LMV116)
SOT23-6 (LMV118)
20080759
Top View
20080760
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
5-Pin SOT-23
LMV116MF
AC1A
1k Units Tape and Reel
MF05A
LMV116MFX
3k Units Tape and Reel
6-Pin SOT-23
LMV118MF
AD1A
1k Units Tape and Reel
MF06A
LMV118MFX
3k Units Tape and Reel
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13