| 전자부품 데이터시트 검색엔진 |
|
LMX2430TMX 데이터시트(PDF) 39 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX2430TMX 데이터시트(HTML) 39 Page - National Semiconductor (TI) |
|
39 / 49 page ![]() 2.0 Programming Description (Continued) 2.4 R0 REGISTER The R0 register contains the RF_R, RF_CPP, RF_CPG, RF_CPT, and RF_RST control words, in addition to two of the four bits that compose the MUX control word. The detailed descriptions and programming information for each control word is discussed in the following sections. Reg 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210 DATA[20:0] FIELD ADDRESS [2:0] FIELD R0 MUX[3:2] RF_ RST RF_ CPT RF_ CPG RF_ CPP RF_R[14:0] 0 0 0 2.4.1 RF_R[14:0] - RF Synthesizer Programmable Reference Divider (R Counter) (R0[17:3]) The RF reference divider (RF_R) can be programmed to support divide ratios from 3 to 32767. Divide ratios less than 3 are prohibited. Divide Ratio RF_R[14:0] 14 13 12 11 10 987654321 0 3 00000000000001 1 4 00000000000010 0 • •••••••••••••• • 32767 11111111111111 1 2.4.2 RF_CPP - RF Synthesizer Phase Detector Polarity (R0[18]) The RF_CPP bit is used to control the RF synthesizer’s phase/ frequency detector polarity based on the VCO tuning characteristics. Control Bit Register Location Description Function 01 RF_CPP R0[18] RF Phase/ Frequency Detector Polarity RF VCO Negative Tuning Characteristics RF VCO Positive Tuning Characteristics RF VCO Characteristics 20053567 www.national.com 39 |