전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMX2433TMX 데이터시트(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LMX2433TMX
상세설명  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2433TMX 데이터시트(HTML) 45 Page - National Semiconductor (TI)

Back Button LMX2433TMX Datasheet HTML 41Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 42Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 43Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 44Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 45Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 46Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 47Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 48Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 49Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
2.0 Programming Description (Continued)
2.8.2 IF_B[13:0] - IF Synthesizer Programmable Binary Counter (B Counter) (R4[20:7])
The IF_B control word is used to setup the IF synthesizer’s B counter. The B counter is a 14-bit programmable binary counter
used in the programmable feedback divider. The IF_B control word can be programmed to values ranging from 3 to 16383. Divide
ratios less than 3 are prohibited.
Divide
Ratio
IF_B[13:0]
13
12
11
10
987654321
0
3
0000000000001
1
4
0000000000010
0
•
•••••••••••••
•
16383
1111111111111
1
2.8.3 IF_P - IF Synthesizer Prescaler Select (R4[22])
The LMX243x IF synthesizer utilizes a selectable dual modulus prescaler. An 8/9 or a 16/17 prescale ratio can be selected.
Control Bit
Register Location
Description
Function
01
IF_P
R4[22]
IF Prescaler Select
8/9 Prescaler
Selected
16/17 Prescaler
Selected
2.8.4 IF_PD - IF Synthesizer Powerdown (R4[23])
The IF_PD bit is used to switch the IF PLL between a powered up and powered down mode.
Furthermore, the IF_PD bit operates in conjuction with the IF_CPT bit to set a synchronous or an asynchronous powerdown
mode. Refer to Section 2.7.4 for more details on how to program the IF_CPT bit.
Control Bit
Register Location
Description
Function
01
IF_PD
R4[23]
IF Powerdown
IF PLL Active
IF PLL Powerdown
www.national.com
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49