전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M68AF511AM55NC6T 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 M68AF511AM55NC6T
상세설명  4 Mbit (512K x8), 5V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF511AM55NC6T 데이터시트(HTML) 5 Page - STMicroelectronics

  M68AF511AM55NC6T Datasheet HTML 1Page - STMicroelectronics M68AF511AM55NC6T Datasheet HTML 2Page - STMicroelectronics M68AF511AM55NC6T Datasheet HTML 3Page - STMicroelectronics M68AF511AM55NC6T Datasheet HTML 4Page - STMicroelectronics M68AF511AM55NC6T Datasheet HTML 5Page - STMicroelectronics M68AF511AM55NC6T Datasheet HTML 6Page - STMicroelectronics M68AF511AM55NC6T Datasheet HTML 7Page - STMicroelectronics M68AF511AM55NC6T Datasheet HTML 8Page - STMicroelectronics M68AF511AM55NC6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
M68AF511A
Figure 4. Block Diagram
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for periods greater than 1 sec may affect
device reliability. Refer also to the STMicroelec-
tronics SURE Program and other relevant quality
documents.
Table 2. Absolute Maximum Ratings
Note: 1. One output at a time, not to exceed 1 second duration.
2. Up to a maximum operating VCC of 6.0V only.
AI05916
ROW
DECODER
A8
A18
DQ0
DQ7
COLUMN
DECODER
I/O CIRCUITS
A0
A7
W
G
MEMORY
ARRAY
E
VCC
VSS
Symbol
Parameter
Value
Unit
IO
(1)
Output Current
20
mA
TA
Ambient Operating Temperature
–55 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VCC
Supply Voltage
–0.5 to 6.5
V
VIO
(2)
Input or Output Voltage
–0.5 to VCC +0.5
V
PD
Power Dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18