| 전자부품 데이터시트 검색엔진 |
|
M68AF511AM55MC6T 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M68AF511AM55MC6T 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 18 page ![]() M68AF511A 16/18 PART NUMBERING Table 12. Ordering Information Scheme For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de- vice, please contact the STMicroelectronics Sales Office nearest to you. Example: M68AF511 A L 55 NC 1 T Device Type M68 Mode A = Asynchronous Operating Voltage F = 4.5V to 5.5V Array Organization 511 = 4 Mbit (512K x8) Option 1 A = 1 Chip Enable Option 2 L = L-Die M = M-Die Speed Class 55 = 55ns 70 = 70 ns Package NC = TSOP32 Type II MC = SO32 Operative Temperature 1 = 0 to 70 °C 6 = –40 to 85 °C Shipping T = Tape & Reel Packing |