전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4407 데이터시트(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

부품명 4407
상세설명  P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
홈페이지  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

4407 데이터시트(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  4407 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 4407 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 4407 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 4407 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page:P4-P2
Plastic-Encapsulate Mosfets
GUANGDONG
HOTTECH
INDUSTRIAL
CO., LTD.
Electrical Characteristics (TA=25°C, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
STATIC PARAMETERS
BV
DSS
Drain-Source Breakdown Voltage
I
D = -250µA, VGS = 0V
-30
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = -30V, VGS = 0V
-10
µA
T
J = 55°C
-50
I
GSS
Gate-Body leakage current
V
DS = 0V, VGS = ±25V
±100
nA
V
GS(th)
Gate Threshold Voltage
V
DS = VGS
I
D = -250µA
-1.7
-2.3
-3
V
I
D(ON)
On state drain current
V
GS = -10V, VDS = -5V
-60
A
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -20V, ID = -12A
8.5
11
mΩ
T
J=125°C
11.5
15
V
GS = -10V, ID = -12A
10
13
V
GS = -5V, ID = -10A
27
38
g
FS
Forward Transconductance
V
DS = -5V, ID = -10A
21
S
V
SD
Diode Forward Voltage
I
S = -1A,VGS = 0V
-0.7
-1
V
I
S
Maximum Body-Diode Continuous Current
-3
A
DYNAMIC PARAMETERS
C
iss
Input Capacitance
V
GS=0V, VDS=-15V, f=1MHz
2060
2600
pF
C
oss
Output Capacitance
370
pF
C
rss
Reverse Transfer Capacitance
295
pF
R
g
Gate resistance
V
GS=0V, VDS=0V, f=1MHz
2.4
3.6
SWITCHING PARAMETERS
Q
g
Total Gate Charge
V
GS=-10V, VDS=-15V, ID=-12A
30
39
nC
Q
gs
Gate Source Charge
4.6
nC
Q
gd
Gate Drain Charge
10
nC
t
D(on)
Turn-On DelayTime
V
GS=-10V, VDS=-15V, RL=1.25Ω,
R
GEN=3Ω
11
ns
t
r
Turn-On Rise Time
9.4
ns
t
D(off)
Turn-Off DelayTime
24
ns
t
f
Turn-Off Fall Time
12
ns
t
rr
Body Diode Reverse Recovery Time
I
F=-12A, dI/dt=100A/µs
30
40
ns
Q
rr
Body Diode Reverse Recovery Charge
I
F=-12A, dI/dt=100A/µs
22
nC
4407



Html Pages

1 2 3 4