| 전자부품 데이터시트 검색엔진 |
|
MPC8247VRB 데이터시트(PDF) 28 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8247VRB 데이터시트(HTML) 28 Page - Motorola, Inc |
|
28 / 56 page ![]() 28 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Clock Configuration Modes Clock Configuration Modes 0100_010 35.7 50.0 6 214.3 300.0 7 250.0 350.0 6 35.7 50.0 0100_011 31.3 50.0 6 187.5 300.0 8 250.0 400.0 6 31.3 50.0 0101_000 50.0 100.0 2 100.0 200.0 2.5 125.0 250.0 4 25.0 50.0 0101_001 50.0 100.0 2 100.0 200.0 3 150.0 300.0 4 25.0 50.0 0101_010 71.4 100.0 2 142.9 200.0 3.5 250.0 350.0 4 35.7 50.0 0101_011 62.5 100.0 2 125.0 200.0 4 250.0 400.0 4 31.3 50.0 0101_100 55.6 100.0 2 111.1 200.0 4.5 250.0 450.0 4 27.8 50.0 0101_101 71.4 83.3 3 214.3 250.0 3.5 250.0 291.7 5 42.9 50.0 0101_110 62.5 83.3 3 187.5 250.0 4 250.0 333.3 5 37.5 50.0 0101_111 55.6 83.3 3 166.7 250.0 4.5 250.0 375.0 5 33.3 50.0 0110_000 60.0 120.0 2.5 150.0 300.0 2.5 150.0 300.0 6 25.0 50.0 0110_001 60.0 120.0 2.5 150.0 300.0 3 180.0 360.0 6 25.0 50.0 0110_010 71.4 120.0 2.5 178.6 300.0 3.5 250.0 420.0 6 29.8 50.0 0110_011 62.5 120.0 2.5 156.3 300.0 4 250.0 480.0 6 26.0 50.0 0110_100 60.0 120.0 2.5 150.0 300.0 4.5 270.0 540.0 6 25.0 50.0 0110_101 60.0 120.0 2.5 150.0 300.0 5 300.0 600.0 6 25.0 50.0 0110_110 60.0 120.0 2.5 150.0 300.0 6 360.0 720.0 6 25.0 50.0 0111_000 Reserved 0111_001 50.0 100.0 3 150.0 300.0 3 150.0 300.0 6 25.0 50.0 0111_010 71.4 100.0 3 214.3 300.0 3.5 250.0 350.0 6 35.7 50.0 0111_011 62.5 100.0 3 187.5 300.0 4 250.0 400.0 6 31.3 50.0 0111_100 55.6 100.0 3 166.7 300.0 4.5 250.0 450.0 6 27.8 50.0 1000_000 Reserved 1000_001 66.7 133.3 3 200.0 400.0 3 200.0 400.0 8 25.0 50.0 1000_010 71.4 133.3 3 214.3 400.0 3.5 250.0 466.7 8 26.8 50.0 1000_011 66.7 133.3 3 200.0 400.0 4 266.7 533.3 8 25.0 50.0 Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2 (continued) Mode 3 Bus Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) PCI Division Factor PCI Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |