| 전자부품 데이터시트 검색엔진 |
|
MPC8247CVRP 데이터시트(PDF) 36 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8247CVRP 데이터시트(HTML) 36 Page - Motorola, Inc |
|
36 / 56 page ![]() 36 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Clock Configuration Modes Clock Configuration Modes 0101_110 25.0 50.0 5 125.0 250.0 5.5 275.0 550.0 2.5 50.0 100.0 0110_000 Reserved 0110_001 25.0 50.0 8 200.0 400.0 3 200.0 400.0 3 66.7 133.3 0110_010 26.8 50.0 8 214.3 400.0 3.5 250.0 466.7 3 71.4 133.3 0110_011 25.0 50.0 8 200.0 400.0 4 266.7 533.3 3 66.7 133.3 0110_100 25.0 50.0 8 200.0 400.0 4.5 300.0 600.0 3 66.7 133.3 0111_000 25.0 50.0 6 150.0 300.0 2 150.0 300.0 2 75.0 150.0 0111_001 25.0 50.0 6 150.0 300.0 2.5 187.5 375.0 2 75.0 150.0 0111_010 25.0 50.0 6 150.0 300.0 3 225.0 450.0 2 75.0 150.0 0111_011 25.0 50.0 6 150.0 300.0 3.5 262.5 525.0 2 75.0 150.0 1000_000 Reserved 1000_001 25.0 50.0 6 150.0 300.0 2.5 150.0 300.0 2.5 60.0 120.0 1000_010 25.0 50.0 6 150.0 300.0 3 180.0 360.0 2.5 60.0 120.0 1000_011 29.8 50.0 6 178.6 300.0 3.5 250.0 420.0 2.5 71.4 120.0 1000_100 26.0 50.0 6 156.3 300.0 4 250.0 480.0 2.5 62.5 120.0 1000_101 25.0 50.0 6 150.0 300.0 4.5 270.0 540.0 2.5 60.0 120.0 1001_000 Reserved 1001_001 Reserved 1001_010 Reserved 1001_011 31.3 50.0 8 250.0 400.0 4 250.0 400.0 4 62.5 100.0 1001_100 27.8 50.0 8 222.2 400.0 4.5 250.0 450.0 4 55.6 100.0 1010_000 Reserved 1010_001 25.0 50.0 8 200.0 400.0 3 200.0 400.0 3 66.7 133.3 1010_010 26.8 50.0 8 214.3 400.0 3.5 250.0 466.7 3 71.4 133.3 1010_011 25.0 50.0 8 200.0 400.0 4 266.7 533.3 3 66.7 133.3 1010_100 25.0 50.0 8 200.0 400.0 4.5 300.0 600.0 3 66.7 133.3 Table 18. Clock Configurations for PCI Agent Mode (PCI_MODCK=1) 1, 2 (continued) Mode 3 PCI Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |