전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSOS104A 데이터시트(PDF) 17 Page - Keysight Technologies

부품명 DSOS104A
상세설명  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOS104A 데이터시트(HTML) 17 Page - Keysight Technologies

Back Button DSOS104A Datasheet HTML 13Page - Keysight Technologies DSOS104A Datasheet HTML 14Page - Keysight Technologies DSOS104A Datasheet HTML 15Page - Keysight Technologies DSOS104A Datasheet HTML 16Page - Keysight Technologies DSOS104A Datasheet HTML 17Page - Keysight Technologies DSOS104A Datasheet HTML 18Page - Keysight Technologies DSOS104A Datasheet HTML 19Page - Keysight Technologies DSOS104A Datasheet HTML 20Page - Keysight Technologies DSOS104A Datasheet HTML 21Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
InfiniiScan
Rapidly trigger on complex events that you can see but are
impossible to specify using hardware triggers. This innovative
software quickly scans through thousands of acquired waveform
cycles and isolated anomalous signal behavior. Select up to eight
zones across scope channels are available.
Analysis Applications
A variety of analysis capabilities enable additional rapid insight
SDA (Serial Data Analysis)
Quickly validate signal integrity for high-speed serial interfaces
with embedded clocks. Recover embedded clocks, and build and
validate eye diagrams. SDA also includes software-base trigger
and decode for 8B/10B data.
EZJIT, EZJIT Plus, and EZJIT Complete
Characterize and evaluate most commonly needed jitter
measurements. EZJIT Plus automates Rj/Dj separation, and EZJIT
Complete additionally characterizes vertical noise.
See jitter data sheets for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42