전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSOS404A 데이터시트(PDF) 9 Page - Keysight Technologies

부품명 DSOS404A
상세설명  Infiniium S-Series High-Definition Oscilloscopes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOS404A 데이터시트(HTML) 9 Page - Keysight Technologies

Back Button DSOS404A Datasheet HTML 5Page - Keysight Technologies DSOS404A Datasheet HTML 6Page - Keysight Technologies DSOS404A Datasheet HTML 7Page - Keysight Technologies DSOS404A Datasheet HTML 8Page - Keysight Technologies DSOS404A Datasheet HTML 9Page - Keysight Technologies DSOS404A Datasheet HTML 10Page - Keysight Technologies DSOS404A Datasheet HTML 11Page - Keysight Technologies DSOS404A Datasheet HTML 12Page - Keysight Technologies DSOS404A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
09 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
FFTs
Need to see frequency domain in additional to time domain? The
standard spectral viewer includes FFT controls like start/stop
RBW and CF/span. Readout includes power and frequency axis
annotation and a peak table.
Oscilloscope Overview – Frequency Domain
Gated FFTs
Infiniium supports gated math and analysis including FFTs.
Use any of the standard 16 independent gates to narrow FFT
computations to a specific time window. Drag the gate in the time
domain, and see time correlated FFT measurements for specified
time periods. The example at the right shows two simultaneously
FFTs.
Envelope measurements
Need to see the rise time of a burst? Add a rise time measurement
to an envelope function that provides an AM demodulation of a
burst.
With a built-in spectral viewer, controls, gated FFTs, 10-bit ADCs, and excellent SFDR values, the S-Series oscilloscopes provide an
excellent scope platform for FFT measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42