| 전자부품 데이터시트 검색엔진 |
|
T1208 데이터시트(PDF) 2 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
T1208 데이터시트(HTML) 2 Page - Pulse A Technitrol Company |
|
2 / 8 page ![]() G003.U (2/07) www.pulseeng.com 15 TRANSFORMERS, TRANSFORMER/CHOKE INTERFACE MODULES T1/E1/CEPT/ISDN-Pri—SINGLE, DUAL, Quad Part RoHS-6 Turns Ratio Package Data Number Part Number L/W/H (in.)* Sheet Part RoHS-6 Turns Ratio Package Data Number Part Number L/W/H (in.)* Sheet DUAL TRANSFORMERS (continued) 1.5 kV Isolation, Extended Temperature Range, BH Package, SMT T1090 T1090NL 1CT:2CT & 1CT:2CT .505 / .375 / .245 T608 T1091 T1091NL 1CT:2CT & 1:1.36CT .505 / .375 / .245 T608 T1076 T1076NL 1:1.15CT & 1CT:2CT .505 / .375 / .245 T608 T1092 T1092NL 1:1/1.26 & 1CT:2CT .505 / .375 / .245 T608 T1093 T1093NL 1CT:1.15CT & 1CT:1.15CT .505 / .375 / .245 T608 T1077 T1077NL 1CT:1CT & 1CT:1.5CT .505 / .375 / .245 T608 T1094 T1094NL 1CT:1CT & 1CT:2CT .505 / .375 / .245 T608 T1144 T1144NL 1CT:1CT & 1CT:2.4CT .505 / .375 / .245 T608 T1095 T1095NL 1CT:1.41CT & 1CT:1.41CT .505 / .375 / .245 T608 T1096 T1096NL 1CT:1.41CT & 1CT:1.41CT .505 / .375 / .245 T608 T1097 T1097NL 1CT:1CT & 1CT:1.67CT .505 / .375 / .245 T608 T1146 T1146NL 1:2/2.4 & 1:0.79/1 .505 / .375 / .245 T608 TX1088 TX1088NL 1CT:2CT & 1CT:2.42CT .505 / .375 / .245 T608 TX1089 TX1089NL 1CT:1CT & 1CT:1CT .505 / .375 / .245 T608 TX1099 TX1099NL 1CT:1:0.8 & 1CT:1:0.8 .505 / .375 / .245 T608 TX1287 TX1287NL 1CT:2.42CT & 1CT: 2.42CT .505 / .375 / .245 T608 TX1317 TX1317NL 1:2CT & 1:2CS .505 / .375 / .245 T608 TX1186 TX1186NL 1CT:1.58:2 & 1:1.65:2 .505 / .375 / .245 T608 TX1187 TX1187NL 1CT:2CT & 1:1 .505 / .375 / .245 T608 TX1188 TX1188NL 1CT:2CT & 1CT:2CT .505 / .375 / .245 T608 TX1189 TX1189NL 1:1.36CT & 1:2CT .505 / .375 / .245 T608 TX1467 TX1467NL 1CT:1:1 & 1CT:1:1 .505 / .375 / .245 T608 1.5 kV Isolation, Standard Temperature Range, ANTE Package, SMT T1131 T1131NL 1CT:1 & 1:1.36CT .675 / .600 / .340 T608 PE-68861 PE-68861NL 1CT:2CT & 1CT:2CT .675 / .600 / .340 T608 PE-68862 PE-68862NL 1CT:2CT & 1:1.36CT .675 / .600 / .340 T608 PE-68863 PE-68863NL 1:2CT & 1:1.14CT .675 / .600 / .340 T608 PE-68864 PE-68864NL 1CT:2CT & 1:1 .675 / .600 / .340 T608 PE-68865 PE-68865NL 1:1.15CT & 1CT:2CT .675 / .600 / .340 T608 PE-68866 PE-68866NL 1:1/1.26 & 1:2CT .675 / .600 / .340 T608 PE-68869 PE-68869NL 1CT:2CT & 1:1.08CT .675 / .600 / .340 T608 PE-68836 PE-68836NL 1:1/1.26 & 1:1/1.26 .675 / .600 / .340 T608 1.5 kV Isolation, Extended Temperature Range, ANTE Package, SMT PE-68822 PE-68822NL 1CT:2CT & 1:1.36CT .675 / .600 / .340 T608 PE-68825 PE-68825NL 1:1.15CT & 1CT:2CT .675 / .600 / .340 T608 PE-68826 PE-68826NL 1:1/1.26 & 1:2CT .675 / .600 / .340 T608 PE-68827 PE-68827NL 1:1CT & 2:1 .675 / .600 / .340 T608 PE-68828 PE-68828NL 1CT:1CT & 1CT:1CT .675 / .600 / .340 T608 PE-68841 PE-68841NL 1CT:2CT & 1CT:2CT .675 / .600 / .340 T608 PE-68874 PE-68874NL 1CT:1.15CT & 1CT:1.15CT .675 / .600 / .340 T608 PE-68877 PE-68877NL 1CT:1CT & 1CT:2CT .675 / .600 / .340 T608 PE-68881 PE-68881NL 1CT:2.3CT & 1CT:2CT .675 / .600 / .340 T608 PE-68882 PE-68882NL 1:1.15CT: & 1CT:1CT .675 / .600 / .340 T608 PE-68884 PE-68884NL 1CT:1.36CT & 1CT:1.36CT .675 / .600 / .340 T608 PE-68887 PE-68887NL 1CT:1.41CT & 1CT:1.41CT .675 / .600 / .340 T608 TX1277 TX1277NL 1CT:1CT & 1CT:2CT .675 / .600 / .340 T608 3.0 kV Isolation – Standard Temperature Range, SMT T1030 ⎯ 1CT:1CT & 1CT:1CT .950 / .745 / .395 T617 T1081 ⎯ 1CT:1CT & 1CT:1.5CT .950 / .745 / .395 T617 T1031 ⎯ 1CT:1CT & 1CT:2CT .950 / .745 / .395 T617 T1032 ⎯ 1CT:1.15CT & 1CT:1CT .950 / .745 / .395 T617 T1033 ⎯ 1CT:1.15CT & 1CT:1.15CT .950 / .745 / .395 T617 T1034 ⎯ 1CT:1.15CT & 1CT:2CT .950 / .745 / .395 T617 T1035 ⎯ 1CS:1CS & 1CS:1.36CS .950 / .745 / .395 T617 T1038 ⎯ 1CT:1CT & 1CT:1.36CT .950 / .745 / .395 T617 T1036 ⎯ 1CT:1.36CT & 1CT:1.36CT .950 / .745 / .395 T617 T1037 ⎯ 1CT:1.41CT & 1CT:1.41CT .950 / .745 / .395 T617 T1080 ⎯ 1CT:1.41CT & 1CT:1.41CT .950 / .745 / .395 T617 T1039 ⎯ 1CT:2CT & 1CT:1.08CT .950 / .745 / .395 T617 T1043 ⎯ 1CT:2CT & 1CT:1.14CT .950 / .745 / .395 T617 3.0 kV Isolation – Standard Temperature Range, SMT (continued) T1044 ⎯ 1CT:2CT & 1CT:1.36CT .950 / .745 / .395 T617 T1045 ⎯ 1CT:2CT & 1CT:2CT .950 / .745 / .395 T617 T1047 ⎯ 1CT:2.3CT & 1CT:2CT .950 / .745 / .395 T617 T1049 ⎯ 1CT:1/1.26 & 1CT:2CT .950 / .745 / .395 T617 T1082 ⎯ 1CT:2.42CT & 1CT:2.42CT .950 / .745 / .395 T617 T1308 ⎯ 1CT:2.4CT & 1CT:1CT .675 / .600 / .340 T666 DUAL TRANSFORMER/CHOKE INTERFACE MODULES 1.5 kV Isolation, Extended Temperature Range, SMT T1207 T1207NL 1CT:2CT & 1CT:2CT .675 / .600 / .340 T660 T1208 T1208NL 1CT:2CT & 1CT:1.36CT .675 / .600 / .340 T660 T1209 T1209NL 1CT:1.15CT & 1CT:2CT .675 / .600 / .340 T660 T1210 T1210NL 1CT:1.26CT & 1CT:2CT .675 / .600 / .340 T660 T1211 T1211NL 1CT:1.15CT & 1CT:1.15CT .675 / .600 / .340 T660 T1212 T1212NL 1CT:1CT & 1CT:2CT .675 / .600 / .340 T660 T1213 T1213NL 1CT:1.15CT & 1CT:1CT .675 / .600 / .340 T660 T1214 T1214NL 1CT:1.36CT & 1CT:1.36CT .675 / .600 / .340 T660 T1215 T1215NL 1CT:1.41CT & 1CT:1.41CT .675 / .600 / .340 T660 T1216 T1216NL 1CT:2.3CT & 1CT:2CT .675 / .600 / .340 T660 T1217 T1217NL 1CT:2.42CT & 1CT:2.42CT .675 / .600 / .340 T660 T1218 T1218NL 1CT:1CT & 1CT:1.36CT .675 / .600 / .340 T660 T1219 T1219NL 1CT:2.4CT & 1CT:1CT .675 / .600 / .340 T660 T1220 T1220NL 1CT:1CT & 1CT:1CT .675 / .600 / .340 T660 QUAD TRANSFORMER/CHOKE INTERFACE MODULES 1.5 kV Isolation, Extended Temperature Range, SMT T1176 T1176NL 1CT:2.4CT & 1CT:1CT .690 / .630 / .225 T662 TX1192 TX1192NL 1CT:2.42CT & 1CT:2.42CT .690 / .630 / .225 T662 TX1193 TX1193NL 1CT:2CT & 1CT:1CT .690 / .630 / .225 T662 TX1194 TX1194NL 1CT:1.15CT & 1CT:1.15CT .690 / .630 / .225 T662 TX1195 TX1195NL 1CT:1.41CT & 1CT:1.41CT .690 / .630 / .225 T662 TX1196 TX1196NL 1CT:2CT & 1CT:2CT .690 / .630 / .225 T662 TX1197 TX1197NL 1CT:2CT & 1CT:2CT .690 / .630 / .225 T662 TX1198 TX1198NL 1CT:2.3CT & 1CT:1CT .690 / .630 / .225 T662 TX1199 TX1199NL 1CT:1.36CT & 1CT:2CT .690 / .630 / .225 T662 TX1300 TX1300NL 1CT:1.36CT & 1CT:1CT .690 / .630 / .225 T662 TX1301 TX1301NL 1CT:1.15CT & 1CT:2CT .690 / .630 / .225 T662 T1337 ⎯ 1CT:1CT & 1CT:1CT .537 / .590 / .245 T665 QUAD TRANSFORMERS (four transformers per package) 1.5 kV Isolation, Extended Temperature Range, SMT TX1321 TX1321NL 1CT:2.4CT & 1CT:1CT .690 / .630 / .225 T662 TX1322 TX1322NL 1CT:2.42CT & 1CT:2.42CT .690 / .630 / .225 T662 TX1323 TX1323NL 1CT:2CT & 1CT:1CT .690 / .630 / .225 T662 TX1324 TX1324NL 1CT:1.15CT & 1CT:1.15CT .690 / .630 / .225 T662 TX1325 TX1325NL 1CT:1.41CT & 1CT:1.41CT .690 / .630 / .225 T662 TX1326 TX1326NL 1CT:2CT & 1CT:2CT .690 / .630 / .225 T662 TX1327 TX1327NL 1CT:2CT & 1CT:2CT .690 / .630 / .225 T662 TX1328 TX1328NL 1CT:2.3CT & 1CT:1CT .690 / .630 / .225 T662 TX1329 TX1329NL 1CT:1.36CT & 1CT:2CT .690 / .630 / .225 T662 TX1330 TX1330NL 1CT:1.36CT & 1CT:1CT .690 / .630 / .225 T662 TX1331 TX1331NL 1CT:1.15CT & 1CT:2CT .690 / .630 / .225 T662 QUAD TRANSFORMERS (four transformers per package) 1.5 kV Isolation, Standard Temperature Range, SMT T1001 T1001NL 1:1 & 1:1.36 1.000 / .425 / .295 T615 T1005 T1005NL 1:1.267 & 1:1.58 1.000 / .425 / .295 T615 T1006 T1006NL 1:1 & 1:2CT 1.000 / .425 / .295 T615 T1007 T1007NL 1:1.15 1.000 / .425 / .295 T615 T1008 T1008NL 1:1.364 & 1:2 1.000 / .425 / .295 T615 T1009 T1009NL 1:1 & 1:1.265 1.000 / .425 / .295 T615 T1010 T1010NL 1:1.36CT 1.000 / .425 / .295 T615 T1016 T1016NL 1:1.15 & 1:2 1.000 / .425 / .295 T615 T1017 T1017NL 1:2.3 & 1:2 1.000 / .425 / .295 T615 *L/W/H is measured on surface mount parts tip to tip (height includes wash area). SMT - Surface Mount Package THT - Through Hole Package TELECOMMUNICATIONS PRODUCTS Telecommunications Products |