전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72561R9 데이터시트(PDF) 104 Page - STMicroelectronics

부품명 ST72561R9
상세설명  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R9 데이터시트(HTML) 104 Page - STMicroelectronics

Back Button ST72561R9 Datasheet HTML 100Page - STMicroelectronics ST72561R9 Datasheet HTML 101Page - STMicroelectronics ST72561R9 Datasheet HTML 102Page - STMicroelectronics ST72561R9 Datasheet HTML 103Page - STMicroelectronics ST72561R9 Datasheet HTML 104Page - STMicroelectronics ST72561R9 Datasheet HTML 105Page - STMicroelectronics ST72561R9 Datasheet HTML 106Page - STMicroelectronics ST72561R9 Datasheet HTML 107Page - STMicroelectronics ST72561R9 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 262 page
background image
ST72561
104/262
8-BIT TIMER (Cont’d)
Figure 68. One Pulse Mode Timing Example
Figure 69. Pulse Width Modulation Mode Timing Example
COUNTER
FC
FD
FE
D0
D1
D2
D3
FC
FD
OLVL2
OLVL2
OLVL1
ICAP1
OCMP1
compare1
Note: IEDG1=1, OC1R=D0h, OLVL1=0, OLVL2=1
F8
F8
D3
IC1R
COUNTER E2
E2
FC
OLVL2
OLVL2
OLVL1
OCMP1
compare2
compare1
compare2
Note: OC1R=D0h, OC2R=E2, OLVL1=0, OLVL2= 1
FC
FD
FE
D0
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More