전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV224XH 데이터시트(PDF) 66 Page - STMicroelectronics

부품명 STV224XH
상세설명  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV224XH 데이터시트(HTML) 66 Page - STMicroelectronics

Back Button STV224XH Datasheet HTML 62Page - STMicroelectronics STV224XH Datasheet HTML 63Page - STMicroelectronics STV224XH Datasheet HTML 64Page - STMicroelectronics STV224XH Datasheet HTML 65Page - STMicroelectronics STV224XH Datasheet HTML 66Page - STMicroelectronics STV224XH Datasheet HTML 67Page - STMicroelectronics STV224XH Datasheet HTML 68Page - STMicroelectronics STV224XH Datasheet HTML 69Page - STMicroelectronics STV224XH Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
STV224XH/228XH/223XH - INPUT/OUTPUT SCHEMATIC DIAGRAMS
66/86
Figure 35. External Audio Input
Figure 36. PIF LC Inputs
VCCIF (5V)
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
EXTAUDIN
Pin 14 (SDIP56)
GNDIF
GNDIF
GNDIF
GNDIF
GNDIF
VCCIF (5 V)
PIFLC1
Pin 15 (SDIP56)
PIFLC2
Pin 16 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com