전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV223X 데이터시트(PDF) 71 Page - STMicroelectronics

부품명 STV223X
상세설명  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV223X 데이터시트(HTML) 71 Page - STMicroelectronics

Back Button STV223X Datasheet HTML 67Page - STMicroelectronics STV223X Datasheet HTML 68Page - STMicroelectronics STV223X Datasheet HTML 69Page - STMicroelectronics STV223X Datasheet HTML 70Page - STMicroelectronics STV223X Datasheet HTML 71Page - STMicroelectronics STV223X Datasheet HTML 72Page - STMicroelectronics STV223X Datasheet HTML 73Page - STMicroelectronics STV223X Datasheet HTML 74Page - STMicroelectronics STV223X Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
STV224XH/228XH/223XH - INPUT/OUTPUT SCHEMATIC DIAGRAMS
71/86
Figure 45. Cathode Current Measurement Input
VCC2 (8 V)
GND2
GND2
GND2
GND2
GND2
GND2
GND2
ICATH
Pin 33 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86