전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G38 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 74LVC2G38
상세설명  DUAL 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G38 데이터시트(HTML) 3 Page - Diodes Incorporated

  74LVC2G38 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G38 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G38 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G38 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G38 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G38 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G38 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G38 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G38 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74LVC2G38
Document number: DS37930 Rev 1 - 2
3 of 11
www.diodes.com
September 2016
© Diodes Incorporated
74LVC2G38
Absolute Maximum Ratings (Notes 7 & 8)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
VCC
Supply Voltage
-0.5 to +6.5
V
VI
Input Voltage
-0.5 to +6.5
V
VO
Output Voltage -Active Mode
-0.5 to +6.5
V
Output Voltage Power Down Mode
-0.5 to +6.5
V
IIK
Input Clamp Current VI < 0
-50
mA
IOK
Output Clamp Current (VO < 0 )
-50
mA
IO
Continuous Output Current (VO = 0 to 5.5V )
50
mA
ICC
Continuous Current Through VCC
100
mA
IGND
Continuous Current Through GND
-100
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
Notes:
7. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device
operation should be within recommend values.
8. Forcing the maximum allowed voltage could cause a condition exceeding the maximum current or conversely forcing the maximum current could
cause a condition exceeding the maximum voltage. The ratings of both current and voltage must be maintained within the controlled range.
Recommended Operating Conditions (Note 9)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
Operating
1.65
5.5
V
Data Retention Only
1.5
—
VI
Input Voltage
0
5.5
V
VO
Output Voltage Active Mode
0
5.5
V
Output Voltage Power-Down Mode
0
5.5
IOL
Low-Level Output Current
VCC = 1.65V
—
4
mA
VCC = 2.3V
—
8
VCC = 2.7V
—
12
VCC = 3.0V
—
16
—
24
VCC = 4.5V
—
32
Δt/ΔV
Input Transition Rise or Fall Rate
VCC = 1.65V to 2.7V
—
20
ns/V
VCC = 2.7V to 5.5V
—
10
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
9. Unused inputs should be held at VCC or Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com