| 전자부품 데이터시트 검색엔진 |
|
ADS8342IPFBT 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS8342IPFBT 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 10 page ![]() ADS8342 SBAS277 – MAY 2003 www.ti.com 2 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION PRODUCT MAXIMUM INTEGRAL LINEARITY ERROR (LSB) NO MISSING CODES (Bits) PACKAGE– LEAD PACKAGE DESIGNATOR(1) SPECIFIED TEMPERATURE RANGE ORDERING NUMBER TRANSPORT MEDIA, QUANTITY ADS8342 ±6 15 TQFP 48 PFB 40 °Ct 85 °C ADS8342IPFBT Tape and Reel, 250 ADS8342 ±6 15 TQFP-48 PFB –40 °C to +85°C ADS8342IPFBR Tape and Reel, 2000 ADS8342 ±4 16 TQFP 48 PFB 40 °Ct 85 °C ADS8342IBPFBT Tape and Reel, 250 ADS8342 ±4 16 TQFP-48 PFB –40 °C to +85°C ADS8342IBPFBR Tape and Reel, 2000 (1) For the most current specification and package information, refer to our web site at www.ti.com. ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range unless otherwise noted(1) ADS8342I UNIT Supply voltage, +AVDD to AGND and +DVDD to DGND –0.3 to 6 V Supply voltage, –AVDD to AGND and –DVDD to DGND –6 to 0.3 V Supply voltage, BVDD to BGND –0.3 to 6 V Analog input voltage to AGND –AVDD – 0.3 to +AVDD + 0.3 V Reference voltage, REFIN to AGND –0.3 to +AVDD + 0.3 V Common voltage to AGND –0.3 to +0.3 V Digital input voltage to BGND BGND – 0.3 to BVDD + 0.3 V Ground voltage differences, AGND to REFGND or BGND or DGND –0.3 to 0.3 V Voltage differences, BVDD or +DVDD to AGND –0.3 to 6 V Voltage differences, +DVDD to +AVDD and –DVDD to –AVDD –0.3 to 0.3 V Voltage differences, BVDD to DVDD –(+DVDD) to 0.3 V Input current to any pin except supply –20 to 20 mA Power dissipation see Package Dissipation Ratings table Operating virtual junction temperature range, TJ –40 to +150 °C Operating free-air temperature range, TA –40 to +85 °C Storage temperature range, TSTG –65 to +150 °C Lead temperature 1.6mm (1/16 inch) from case for 10 seconds +300 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. |