| 전자부품 데이터시트 검색엔진 |
|
TLE4964-2M 데이터시트(PDF) 17 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4964-2M 데이터시트(HTML) 17 Page - Infineon Technologies AG |
|
17 / 26 page ![]() TLE4964-2M Package Information Data Sheet 17 Revision 1.0, 2012-07-20 4 Package Information The TLE4964-2M is available in the small halogen free SMD package PG-SOT23-3-15. 4.1 Package Outline PG-SOT23-3-15 Figure 4-1 PG-SOT23-3-15 Package Outline (All Dimensions in mm) 4.2 Packing Information PG-SOT23-3-15 Figure 4-2 Packing of the PG-SOT23-3-15 in a Tape 0.25 M BC 1.9 -0.05 +0.1 0.4 ±0.1 2.9 0.95 C B 0...8° 0.2 A 0.1 MAX. 0.08...0.15 M ±0.1 1 A 1) 1) Lead width can be 0.6 max. in dambar area 12 3 SOT23-TP V02 3.15 4 0.9 0.2 1.15 Pin 1 |