전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATLE2D-2M3-Z 데이터시트(PDF) 6 Page - Copal Electronics

부품명 ATLE2D-2M3-Z
상세설명  Subminiature Toggle Switch With Locking Lever
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COPAL [Copal Electronics]
홈페이지  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ATLE2D-2M3-Z 데이터시트(HTML) 6 Page - Copal Electronics

  ATLE2D-2M3-Z Datasheet HTML 1Page - Copal Electronics ATLE2D-2M3-Z Datasheet HTML 2Page - Copal Electronics ATLE2D-2M3-Z Datasheet HTML 3Page - Copal Electronics ATLE2D-2M3-Z Datasheet HTML 4Page - Copal Electronics ATLE2D-2M3-Z Datasheet HTML 5Page - Copal Electronics ATLE2D-2M3-Z Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
■Standard Accessories
For Locking Lever Type
《Supplied separately》
Color Cap
Dimensions
Color
Part No.
Silver
140000470225
Red
140000470234
Blue
140000470259
Aliminium alloy
Black
140000470260
A Silver cap is attached to the switch. Red, Blue, and Black
caps are also available (sold separately).
■
⑴Manual Soldering
Device : Soldering iron
380℃, Max.; 3 seconds, Max.
⑵Auto Soldering
Device : Jet wave type or dip type
275℃, Max.; 6 seconds, Max.
●Pre-heating should be done at temperatures ranging from 80℃
to 120℃ and within 120 sec.
■Mounting of Switch
●Do not bend the terminals before mounting the switch on the
PC board.
●After mounting the switch, do not place the device in such a
way that the device weight will be applied on to the actuator of
the switch.
●Do not apply load exceeding 12.74 N to the knob.
 
■Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵Cleaning after soldering should be done after the terminal
temperature falls to 90℃ or below, or after leaving the switch
:Optional Accessories.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com