전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HBA2-SERIES 데이터시트(PDF) 3 Page - Bothhand USA, LP.

부품명 HBA2-SERIES
상세설명  Isolated DC-DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HBA2-SERIES 데이터시트(HTML) 3 Page - Bothhand USA, LP.

  HBA2-SERIES Datasheet HTML 1Page - Bothhand USA, LP. HBA2-SERIES Datasheet HTML 2Page - Bothhand USA, LP. HBA2-SERIES Datasheet HTML 3Page - Bothhand USA, LP. HBA2-SERIES Datasheet HTML 4Page - Bothhand USA, LP. HBA2-SERIES Datasheet HTML 5Page - Bothhand USA, LP. HBA2-SERIES Datasheet HTML 6Page - Bothhand USA, LP. HBA2-SERIES Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev:20130522A
Page 3 of 4
Isolated DC-DC Converters
HBA2 Series -- 2Watt
Voltage balance
Dual output
±1% max.
Minimum load
0A
Line regulation
For Vin change of 1%
±1.5% max.
10% max.
15% max.
(5Vout models)
Load Regulation
10% load to full load
20% max. (3.3Vout models)
Ripple and Noise (20MHz Bandwidth)
200mVp-p max.
Maximum capacitive load
See table
Output short circuit protection
1 second
General Specifications
Efficiency
Nominal input and full load
See table
Isolation voltage
Input to output
6400VDC (1 second)
Isolation resistance
500VDC
10
GΩ min.
Isolation capacitance
10pF max.
Switching frequency
80kHz max.
Reliability, calculated MTBF
2×10
6 Hrs
Physical Specifications
Case material
Plastic (UL94 V-0)
Potting material
Epoxy (UL94 V-0)
0.77 × 0.50 × 0.39 Inch
Dimensions
(19.5 ×12.5 × 9.8 mm)
Weight
4.3g (0.15oz) typ.
Note
1. Io below this value will not damage these converters, however, they may not meet all listed specifications.
2. Typical value, tested at nominal input and full load.
3. For each output.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com