| 전자부품 데이터시트 검색엔진 |
|
8S2016C-Z 데이터시트(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
8S2016C-Z 데이터시트(HTML) 2 Page - Copal Electronics |
|
2 / 10 page ![]() ■Terminals Solder Terminal (Style:1) PC Straight (Style:2) Right Angle (Style:4) Vertical Mount (Style:6) t=0.8 t=0.8 PC t=0.8 R/A t=0.8 w=1.2 V/M 8 Series Toggles Selection Table Part No. Name Actuator shape Number of poles Switching function Terminals Page 8A Standard toggle 1 ・2・3・4 ON ON (ON) ON ON ON ON ON ON (ON) − − OFF − − OFF − − OFF − − − − OFF − − ON − − ON − − ON − ON ON (ON) (ON) (ON) ON ON ON (ON) (ON) Solder Lug Straight PC 389 391 8B Mustang Toggle 1 ・2・3・4 Solder Lug Straight PC 392 393 8C Flatted Toggle 1 ・2・3・4 Solder Lug Straight PC 394 395 8D Long Toggle 1 ・2・3・4 Solder Lug Straight PC 396 397 8E Lever Lock Toggle 1 ・2・3・4 Solder Lug Straight PC 398 399 8F Splash Proof Toggle 1 ・2・3・4 Solder Lug Straight PC 400 401 8J Short Toggle 1 ・2・3・4 Solder Lug Straight PC 402 403 8S Color Tip Toggle 1 ・2・3・4 Solder Lug Straight PC 404 405 8G Short Toggle Washable 1 ・2 ON ON (ON) ON ON − − OFF − − OFF − − OFF − − ON ON (ON) (ON) (ON) Straight PC Right Angle Vertical 406 407 8GA Standard Toggle Washable 1 ・2 Straight PC Right Angle Vertica 408 8GD LongToggle Washable 1 ・2 Straight PC Right Angle Vertica 409 8GS Color Tip Toggle Washable 1 ・2 Straight PC Right Angle Vertica 410 ( ) indicates momentary actuation ※1/2 Poles ※3/4 Poles ※8A Type 2&4 Poles only ug St ug St ug St ug St ug St ug St ug St ug St |