| 전자부품 데이터시트 검색엔진 |
|
CFS-0602TA 데이터시트(PDF) 4 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CFS-0602TA 데이터시트(HTML) 4 Page - Copal Electronics |
|
4 / 7 page ![]() Production date code 0.25 3.95 +0.1 –0.05 1.4 +0.1 –0.05 Production date code L 2.54±0.15 2 0.6 +0.1 –0.05 0.25 +0.1 –0.05 Production date code 0.25 L 2.54±0.15 2 +0.1 –0.05 0.6 +0.1 –0.05 Production date code 0.25 L 2.54±0.15 2 +0.1 –0.05 0.6 +0.1 –0.05 1.2 Production date code L 2.54±0.15 2 0.5 1.4 +0.1 –0.05 1.2 Production date code L 2.54±0.15 2 0.5 1.4 +0.1 –0.05 Production date code 0.25 3.95 +0.1 –0.05 1.4 +0.1 –0.05 1.2 Production date code 1.2 L 2.54±0.15 2 0.6 +0.1 –0.05 0.25 +0.1 –0.05 O Convex knob of 0.6 mm, Through hole pin O Flat knob, Gull wing O Convex knob of 0.6 mm, Gull wing O Flat knob, Through hole pin O 1 bit, J-hook CFS SLIDE SWITCHES (FULL PITCH) ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.3 (Unit : mm) O 1 bit, Gull wing O Flat knob, J-hook O Convex knob of 0.6 mm, J-hook |