| 전자부품 데이터시트 검색엔진 |
|
CJS-1200B 데이터시트(PDF) 4 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CJS-1200B 데이터시트(HTML) 4 Page - Copal Electronics |
|
4 / 5 page ![]() O CJS-1200A1 O CJS-1200B1 3 – 0.6 5.4 3.5 Stroke 0.6 Terminal No.1 Production date code 2 – C 0.5 +0.1 –0.05 2.8 2.5 1.1 Schematic +0.3 0 C ② ①③ Schematic C ② ①③ 3 – 0.6 Terminal No.1 Production date code 2 – C 0.5 +0.1 –0.05 4.2 2.5 0.4 min. 0.4 min. 3.5 Stroke 0.6 5.4 O CJS-1201A1 O CJS-1201B1 3 – 0.6 6 3.5 0.6 0.6 Stroke Terminal No.1 Production date code 2 – C 0.5 +0.1 –0.05 2.8 2.5 1.1 Schematic +0.3 0 C ② ①③ Schematic C ② ①③ 3 – 0.6 Terminal No.1 Production date code 2 – C 0.5 +0.1 –0.05 4.2 2.5 0.4 min. 0.4 min. 3.5 Stroke 6 0.6 0.6 ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.3 (Unit : mm) CJS SLIDE SWITCHES (SMD) (Unit : mm) 3 - 1 3.5 0 3 - 1 3.5 0 ■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS A Type B Type Note) The zero point is the center of mounting. |