| 전자부품 데이터시트 검색엔진 |
|
ICS8761 데이터시트(PDF) 4 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS8761 데이터시트(HTML) 4 Page - Integrated Circuit Systems |
|
4 / 15 page ![]() 8761CY www.icst.com/products/hiperclocks.html REV. C SEPTEMBER 7, 2004 4 Integrated Circuit Systems, Inc. ICS8761 LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR TABLE 3D. CONTROL FUNCTION TABLE TABLE 3E. CONTROL FUNCTION TABLE (PCI CONFIGURATION) s t u p n I s t u p t u O 1 = L E S _ L L Py c n e u q e r F 1 x L E S _ D0 x L E S _ D1 L E S _ V I D B F0 L E S _ V I D B F y c n e u q e r F e c n e r e f e R ) z H M ( 3 X Q : 0 X Q3 X Q : 0 X Q ) z H M ( T U O _ B F ) z H M ( 00 0 0 7 6 . 6 62 x3 3 17 6 . 6 6 00 0 1 3 3 . 3 34 x3 3 13 3 . 3 3 00 1 0 5 23 3 . 5 x3 3 15 2 00 1 1 0 27 6 . 6 x3 3 10 2 01 0 0 7 6 . 6 65 . 1 x0 0 17 6 . 6 6 01 0 1 3 3 . 3 33 x0 0 13 3 . 3 3 01 1 0 5 24 x0 0 15 2 01 1 1 0 25 x0 0 10 2 10 0 0 7 6 . 6 61 x7 6 . 6 67 6 . 6 6 10 0 1 3 3 . 3 32 x7 6 . 6 63 3 . 3 3 10 1 0 5 27 6 . 2 x7 6 . 6 65 2 10 1 1 0 23 3 . 3 x7 6 . 6 60 2 11 0 0 7 6 . 6 62 ÷3 3 . 3 37 6 . 6 6 11 0 1 3 3 . 3 31 ÷3 3 . 3 33 3 . 3 3 11 1 0 5 23 3 . 1 x3 3 . 3 35 2 11 1 1 0 27 6 . 1 x3 3 . 3 30 2 , 0 B L E S _ D , 0 A L E S _ D s e t o n e d 0 x L E S _ D . 1 D L E S _ D d n a , 1 C L E S _ D , 1 B L E S _ D , 1 A L E S _ D s e t o n e d 1 x L E S _ D : E T O N . 3 D Q : 0 D Q d n a , 3 C Q : 0 C Q , 3 B Q : 0 B Q , 3 A Q : 0 A Q s e t o n e d 3 X Q : 0 X Q . 0 D L E S _ D d n a , 0 C L E S _ D s t u p n I s t u p t u O 1 = L E S _ L L Py c n e u q e r F 1 x L E S _ D0 x L E S _ D1 L E S _ V I D B F0 L E S _ V I D B F e c n e r e f e R e g n a R y c n e u q e r F ) z H M ( 3 X Q : 0 X Q3 X Q : 0 X Q ) z H M ( T U O _ B F ) z H M ( 00 0 0 3 3 . 3 8 - 6 . 1 42 x7 6 . 6 6 1 - 3 3 . 3 83 3 . 3 8 - 6 . 1 4 00 0 1 7 6 . 1 4 - 3 8 . 0 24 x7 6 . 6 6 1 - 3 3 . 3 87 6 . 1 4 - 3 8 . 0 2 00 1 0 5 2 . 1 3 - 2 6 . 5 13 3 . 5 x7 6 . 6 6 1 - 3 3 . 3 85 2 . 1 3 - 2 6 . 5 1 00 1 1 5 2 - 5 . 2 17 6 . 6 x7 6 . 6 6 1 - 3 3 . 3 85 2 - 5 . 2 1 01 0 0 3 3 . 3 8 - 6 . 1 45 . 1 x5 2 1 - 4 . 2 63 3 . 3 8 - 6 . 1 4 01 0 1 7 6 . 1 4 - 3 8 . 0 23 x5 2 1 - 4 . 2 67 6 . 1 4 - 3 8 . 0 2 01 1 0 5 2 . 1 3 - 2 6 . 5 14 x5 2 1 - 4 . 2 65 2 . 1 3 - 2 6 . 5 1 01 1 1 5 2 - 5 . 2 15 x5 2 1 - 4 . 2 65 2 - 5 . 2 1 10 0 0 3 3 . 3 8 - 6 . 1 41 x3 3 . 3 8 - 6 . 1 43 3 . 3 8 - 6 . 1 4 10 0 1 7 6 . 1 4 - 3 8 . 0 22 x3 3 . 3 8 - 6 . 1 47 6 . 1 4 - 3 8 . 0 2 10 1 0 5 2 . 1 3 - 2 6 . 5 17 6 . 2 x3 3 . 3 8 - 6 . 1 45 2 . 1 3 - 2 6 . 5 1 10 1 1 5 2 - 5 . 2 13 3 . 3 x3 3 . 3 8 - 6 . 1 45 2 - 5 . 2 1 11 0 0 3 3 . 3 8 - 6 . 1 42 ÷7 6 . 1 4 - 8 . 0 23 3 . 3 8 - 6 . 1 4 11 0 1 7 6 . 1 4 - 3 8 . 0 21 ÷7 6 . 1 4 - 8 . 0 27 6 . 1 4 - 3 8 . 0 2 11 1 0 5 2 . 1 3 - 2 6 . 5 13 3 . 1 x7 6 . 1 4 - 8 . 0 25 2 . 1 3 - 2 6 . 5 1 11 1 1 5 2 - 5 . 2 17 6 . 1 x7 6 . 1 4 - 8 . 0 25 2 - 5 . 2 1 , 0 B L E S _ D , 0 A L E S _ D s e t o n e d 0 X L E S _ D . 1 D L E S _ D d n a , 1 C L E S _ D , 1 B L E S _ D , 1 A L E S _ D s e t o n e d 1 X L E S _ D : E T O N . 3 D Q : 0 D Q d n a , 3 C Q : 0 C Q , 3 B Q : 0 B Q , 3 A Q : 0 A Q s e t o n e d 3 X Q : 0 X Q . 0 D L E S _ D d n a , 0 C L E S _ D |