전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE8080-2EM 데이터시트(PDF) 16 Page - Infineon Technologies AG

부품명 TLE8080-2EM
상세설명  Engine Management IC for Small Engines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8080-2EM 데이터시트(HTML) 16 Page - Infineon Technologies AG

Back Button TLE8080-2EM Datasheet HTML 12Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 13Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 14Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 15Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 16Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 17Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 18Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 19Page - Infineon Technologies AG TLE8080-2EM Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Data Sheet
16
Rev. 1.1, 2012-10-19
TLE8080EM
Power Stages
6.2
Electrical Characteristics Low Side Switches
Table 6
Electrical Characteristics: Power Stage
VS=13.5V, Tj= -40°C to +150°C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Output Channel 1 and 3
On Resistance
R
OUTx_on
–0.6
0.7
Ω
I
OUTx_nom = 1.3A;
T
j = 150°C
6.1.1
Output Clamping Voltage
V
OUTx_cl
30
35
40
V
I
OUTx = 0.02A
6.1.2
Over-current Switch Off
Threshold
I
OUTx_oc
2.6
–
5
A
6.1.3
Over-current Switch Off Filter
Time
t
oc,f
0.5
–
3
μs6.1.4
Over Temperature Switch Off
T
OT
150–
200°C
6.1.5
Over Temperature Hysteresis
T
OT,Hys
–
20
–
°C
6.1.6
Open Load in Off Detection
Threshold
V
ol,th
2
2.8
3.2
V
6.1.7
Open Load in Off Pull Down
Diagnosis Current
I
ol
50
100
150
μA
V
OUTx = 13.5V
6.1.8
Open Load in Off Diagnosis
Delay Time
t
ol,d
100
–
200
μs6.1.9
Turn On Delay Time
t
d,ON
–0.25
1
μs
V
OUTx = 13.5V
I
OUTx = 1.3A,
resistive load1)
6.1.10
Turn Off Delay Time
t
d,OFF
–0.9
1.5
μs
V
OUTx = 13.5V
I
OUTx = 1.3A,
resistive load1)
6.1.11
Turn On Time
t
s,ON
–0.6
1.2
μs
V
OUTx = 13.5V
I
OUTx = 1.3A,
resistive load1)
6.1.12
Turn Off Time
t
s,OFF
–0.6
1.2
μs
V
OUTx = 13.5V
I
OUTx = 1.3A,
resistive load1)
6.1.13
Output Leakage Current in
Off Mode
I
OUTx_off
––
3
μA
V
OUTx = 13.5V
T
j = 150°C
2)
6.1.14
Output Channel 2
On Resistance
R
OUTx_on
–1.1
1.2
Ω
I
OUTx_nom = 0.3A;
T
j = 150°C
6.2.1
Over-current Switch Off
Threshold
I
OUTx_oc
3
–
6.5
A
6.2.2
Over-current Switch Off Filter
Time
t
oc,f
0.5
–
3
μs6.2.3
Over-current Switch Off Time
t
oc,off
3–
8ms
6.2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com