| 전자부품 데이터시트 검색엔진 |
|
TLE9832 데이터시트(PDF) 52 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9832 데이터시트(HTML) 52 Page - Infineon Technologies AG |
|
52 / 94 page ![]() TLE9832 Functional Description Data Sheet 52 Rev. 1.1, 2012-03-08 3.20 Analog Digital Converter (ADC1) The TLE9832 includes a high-performance 10-Bit Analog-to-Digital Converter (ADC1) with eight multiplexed analog input channels. The ADC1 uses a successive approximation technique to convert the analog voltage levels from up to eight different sources. The analog input channels of the ADC1 are available at AN1, AN3 - AN5, AN7. Features • Successive approximation • 8-Bit or 10-Bit resolution • 8 analog channels • Four independent result registers • Result data protection for slow CPU access (wait-for-read mode) • Single conversion mode • Autoscan functionality • Limit checking for conversion results • Data reduction filter (accumulation of up to 2 conversion results) • Two independent conversion request sources with programmable priority • Selectable conversion request trigger • Flexible interrupt generation with configurable service nodes • Programmable sample time • Programmable clock divider • Cancel/restart feature for running conversions • Integrated sample and hold circuitry • Compensation of offset errors • Low power modes |