| 전자부품 데이터시트 검색엔진 |
|
IRKD71/04A 데이터시트(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRKD71/04A 데이터시트(HTML) 3 Page - International Rectifier |
|
3 / 9 page ![]() IRK.56, .71 Series 3 Bulletin I27140 rev. E 10/02 www.irf.com T J Junction temperature range -40 to 150 °C Tstg Storage temperature range -40 to 150 °C R thJC Max. thermal resistance, junction to case R thCS Typical thermal resistance, Mounting surface flat, smooth and greased case to heatsink T Mounting tourque ±10% to heatsink 5 busbar 4 wt Approximate weight 110 (4) gr (oz) Case style TO-240AA JEDEC Parameter IRK.56 IRK.71 Units Conditions 0.5 0.4 K/W Per junction, DC operation Thermal and Mechanical Specifications A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound Nm 0.1 K/W Sine half wave conduction Rect. wave conduction Devices Units 180o 120o 90o 60o 30o 180o 120o 90o 60o 30o IRK.56 0.11 0.13 0.16 0.22 0.32 0.09 0.14 0.17 0.23 0.32 IRK.71 0.06 0.08 0.11 0.14 0.21 0.06 0.09 0.11 0.15 0.21 °C/W ∆R Conduction (per Junction) (The following table shows the increment of thermal resistance R thJC when devices operate at different conduction angles than DC) IRK D 71 / 16 A 1 2 3 Device Code 4 Ordering Information Table 1 - Module type 2 - Circuit configuration (See Circuit Configuration Table) 3 - Current code 4 - Voltage code (See Voltage Ratings Table) 5 - A: Gen V 5 |