전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AR0130CS 데이터시트(PDF) 21 Page - ON Semiconductor

부품명 AR0130CS
상세설명  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS 데이터시트(HTML) 21 Page - ON Semiconductor

Back Button AR0130CS Datasheet HTML 17Page - ON Semiconductor AR0130CS Datasheet HTML 18Page - ON Semiconductor AR0130CS Datasheet HTML 19Page - ON Semiconductor AR0130CS Datasheet HTML 20Page - ON Semiconductor AR0130CS Datasheet HTML 21Page - ON Semiconductor AR0130CS Datasheet HTML 22Page - ON Semiconductor AR0130CS Datasheet HTML 23Page - ON Semiconductor AR0130CS Datasheet HTML 24Page - ON Semiconductor AR0130CS Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
21
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Features
Row Mirror Image
By setting R0x3040[15] = 1, the readout order of the rows is reversed as shown in
Figure 16. The starting Bayer color pixel is maintained in this mode by a 1-pixel shift in
the imaging array. When using horizontal mirror mode, the user must retrigger column
correction. Please refer to the column correction section to see the procedure for
column correction retriggering.
Figure 16:
Six Rows in Normal and Row Mirror Readout Modes
Row0 [11:0] Row1 [11:0] Row2 [11:0] Row3 [11:0] Row4 [11:0] Row5 [11:0]
Row5 [11:0] Row4 [11:0] Row3 [11:0] Row2 [11:0] Row1 [11:0]
Row0[11:0]
DOUT[11:0]
FV
Normal readout
DOUT[11:0]
Reverse readout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49