전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6207 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 L6207
상세설명  DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button L6207 Datasheet HTML 14Page - STMicroelectronics L6207 Datasheet HTML 15Page - STMicroelectronics L6207 Datasheet HTML 16Page - STMicroelectronics L6207 Datasheet HTML 17Page - STMicroelectronics L6207 Datasheet HTML 18Page - STMicroelectronics L6207 Datasheet HTML 19Page - STMicroelectronics L6207 Datasheet HTML 20Page - STMicroelectronics L6207 Datasheet HTML 21Page - STMicroelectronics L6207 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
L6207
18/23
Figure 19. Mounting the PowerSO package.
Figure 20. PowerSO36 Junction-Ambient thermal resistance versus on-board copper area.
Figure 21. PowerDIP24 Junction-Ambient thermal resistance versus on-board copper area.
Figure 22. SO24 Junction-Ambient thermal resistance versus on-board copper area.
Slug soldered
to PCB with
dissipating area
Slug soldered
to PCB with
dissipating area
plus ground layer
Slug soldered to PCB with
dissipating area plus ground layer
contacted through via holes
13
18
23
28
33
38
43
12
3
4
56
7
8
9
10
1 1
1 2
13
W ithout G round La yer
W ith Gr ound La yer
W ith Gr ound La yer + 16 via
Ho le s
sq . c m
ºC / W
On-Board Copper Area
39
40
41
42
43
44
45
46
47
48
49
1
2
3
4
5
6
7
8
9
101112
C o pper Are a is on Bo ttom
Sid e
C o pper Are a is on To p S i de
s q . cm
ºC / W
On-Board Copper Area
48
50
52
54
56
58
60
62
64
66
68
123
45
6789
10
11
12
C o pp er A rea is o n T op S ide
sq. cm
ºC / W
On-Board Copper Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23