| 전자부품 데이터시트 검색엔진 |
|
FL_SERIES 데이터시트(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
FL_SERIES 데이터시트(HTML) 2 Page - Copal Electronics |
|
2 / 2 page ![]() FL ★:Made to order products. SPDT SPDT DPDT DPDT Switching function Part No. Viewed from part No. marking side FL1D−2M−Z ON − ON ▲FL1E−2M−Z ON OFF ON ▲FL1F−2M−Z (ON) − ON ★FL1G−2M−Z (ON) OFF (ON) ▲FL1H−2M−Z (ON) OFF ON Connecting terminals 2 −1 − 2 −3 Switching function Part No. Viewed from part No. marking side ★FL1D−5M−Z ON − ON ▲FL1E−5M−Z ON OFF ON ▲FL1F−5M−Z ON − (ON) ▲FL1FA−5M−Z (ON) − ON ★FL1G−5M−Z (ON) OFF (ON) ▲FL1H−5M−Z ON OFF (ON) ▲FL1HA−5M−Z (ON) OFF ON Connecting terminals 2 −3 − 2 −1 Switching function Part No. Viewed from part No. marking side ★FL2D−5M−Z ON − ON ▲FL2E−5M−Z ON OFF ON ▲FL2F−5M−Z ON − (ON) ▲FL2FA−5M−Z (ON) − ON ▲FL2G−5M−Z (ON) OFF (ON) ▲FL2H−5M−Z ON OFF (ON) ▲FL2HA−5M−Z (ON) OFF ON Connecting terminals 2 −3 5 −6 − 2 −1 5 −4 Switching function Part No. Viewed from part No. marking side ★FL2D−2M−Z ON − ON ▲FL2E−2M−Z ON OFF ON ★FL2F−2M−Z (ON) − ON ★FL2G−2M−Z (ON) OFF (ON) ▲FL2H−2M−Z (ON) OFF ON Connecting terminals 2 −1 5 −4 − 2 −3 5 −6 Terminal numbers are not shown on the bottom of the switch. Terminal numbers are not shown on the bottom of the switch. Terminal numbers are not shown on the bottom of the switch. Terminal numbers are not shown on the bottom of the switch. PC Hole Layouts PC Hole Layouts PC Hole Layouts PC Hole Layouts (Mount with Rocker) PC Straight PC Straight R/A R/A ■7HJRHNPUN :WLJPÄJH[PVUZ Plastic Pack 100 pcs/pack ■:VSKLYPUN:WLJPÄJH[PVUZ ⑴Manual Soldering Device: Soldering iron 380 ℃, Max.; 3 seconds, Max. ⑵Auto Soldering Device: Jet wave type or dip type 275 ℃; 6 seconds, Max. (Mount with Rocker) (Mount with Rocker) (Mount with Rocker) |