전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C5SMF-RJF-CT34QBB1 데이터시트(PDF) 4 Page - Cree, Inc

부품명 C5SMF-RJF-CT34QBB1
상세설명  Cree Screen Master 5-mm Oval LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

C5SMF-RJF-CT34QBB1 데이터시트(HTML) 4 Page - Cree, Inc

  C5SMF-RJF-CT34QBB1 Datasheet HTML 1Page - Cree, Inc C5SMF-RJF-CT34QBB1 Datasheet HTML 2Page - Cree, Inc C5SMF-RJF-CT34QBB1 Datasheet HTML 3Page - Cree, Inc C5SMF-RJF-CT34QBB1 Datasheet HTML 4Page - Cree, Inc C5SMF-RJF-CT34QBB1 Datasheet HTML 5Page - Cree, Inc C5SMF-RJF-CT34QBB1 Datasheet HTML 6Page - Cree, Inc C5SMF-RJF-CT34QBB1 Datasheet HTML 7Page - Cree, Inc C5SMF-RJF-CT34QBB1 Datasheet HTML 8Page - Cree, Inc C5SMF-RJF-CT34QBB1 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree 5-mm Oval LED
C5SMF-RJF/GJF/BJF
C5SMF-RJE/GJE/BJE
C5SME-RJF/RJE
ORDER CODE TABLE*
C5SMF
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Red
C5SMF-RJF-CT0W0BB1
1100
4180
RB
619
RB
624
Bulk
Yes
Red
C5SMF-RJF-CT14QBB1
Any 4 consecutive sub-bins: T1
(1100) - U2 (1824)
RB
619
RB
624
Bulk
Yes
Red
C5SMF-RJF-CT34QBB1
Any 4 consecutive sub-bins: T3
(1310) - U4 (2130)
RB
619
RB
624
Bulk
Yes
Red
C5SMF-RJF-CU14QBB1
Any 4 consecutive sub-bins: U1
(1520) - V2 (2564)
RB
619
RB
624
Bulk
Yes
Red
C5SMF-RJE-CT0W0BB1
1100
4180
RB
619
RB
624
Bulk
No
Red
C5SMF-RJE-CT14QBB1
Any 4 consecutive sub-bins: T1
(1100) - U2 (1824)
RB
619
RB
624
Bulk
No
Red
C5SMF-RJE-CT34QBB1
Any 4 consecutive sub-bins: T3
(1310) - U4 (2130)
RB
619
RB
624
Bulk
No
Red
C5SMF-RJE-CU14QBB1
Any 4 consecutive sub-bins: U1
(1520) - V2 (2564)
RB
619
RB
624
Bulk
No
Red
C5SMF-RJF-CT0W0BB2
1100
4180
RB
619
RB
624
Ammo
Yes
Red
C5SMF-RJF-CT14QBB2
Any 4 consecutive sub-bins: T1
(1100) - U2 (1824)
RB
619
RB
624
Ammo
Yes
Red
C5SMF-RJF-CT34QBB2
Any 4 consecutive sub-bins: T3
(1310) - U4 (2130)
RB
619
RB
624
Ammo
Yes
Red
C5SMF-RJF-CU14QBB2
Any 4 consecutive sub-bins: U1
(1520) - V2 (2564)
RB
619
RB
624
Ammo
Yes
Red
C5SMF-RJE-CT0W0BB2
1100
4180
RB
619
RB
624
Ammo
No
Red
C5SMF-RJE-CT14QBB2
Any 4 consecutive sub-bins: T1
(1100) - U2 (1824)
RB
619
RB
624
Ammo
No
Red
C5SMF-RJE-CT34QBB2
Any 4 consecutive sub-bins: T3
(1310) - U4 (2130)
RB
619
RB
624
Ammo
No
Red
C5SMF-RJE-CU14QBB2
Any 4 consecutive sub-bins: U1
(1520) - V2 (2564)
RB
619
RB
624
Ammo
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11