| 전자부품 데이터시트 검색엔진 |
|
C566C-RFE-CU0W0BB1 데이터시트(PDF) 6 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C566C-RFE-CU0W0BB1 데이터시트(HTML) 6 Page - Cree, Inc |
|
6 / 10 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 6 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 6 Cree 5-mm Oval LED C566C-RFF/GFF/BFF/AFF C566C-RFE/GFE/BFE/AFE ORDER CODE TABLE* Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber C566C-AFF-CU0W0251 1520 4180 A2 584 A5 596 Bulk Yes Amber C566C-AFF-CU0V0341 1520 3000 A3 587 A4 593 Bulk Yes Amber C566C-AFF-CV0W0341 2130 4180 A3 587 A4 593 Bulk Yes Amber C566C-AFE-CU0W0251 1520 4180 A2 584 A5 596 Bulk No Amber C566C-AFE-CU0V0341 1520 3000 A3 587 A4 593 Bulk No Amber C566C-AFE-CV0W0341 2130 4180 A3 587 A4 593 Bulk No Amber C566C-AFF-CU0W0252 1520 4180 A2 584 A5 596 Ammo Yes Amber C566C-AFF-CU0V0342 1520 3000 A3 587 A4 593 Ammo Yes Amber C566C-AFF-CV0W0342 2130 4180 A3 587 A4 593 Ammo Yes Amber C566C-AFE-CU0W0252 1520 4180 A2 584 A5 596 Ammo No Amber C566C-AFE-CU0V0342 1520 3000 A3 587 A4 593 Ammo No Amber C566C-AFE-CV0W0342 2130 4180 A3 587 A4 593 Ammo No Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin, single color-bin codes will not be orderable. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. |