| 전자부품 데이터시트 검색엔진 |
|
M45PE80-VMP6TG 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M45PE80-VMP6TG 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 36 page ![]() M45PE80 6/36 SIGNAL DESCRIPTION Serial Data Output (Q). This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of Serial Clock (C). Serial Data Input (D). This input signal is used to transfer data serially into the device. It receives in- structions, addresses, and the data to be pro- grammed. Values are latched on the rising edge of Serial Clock (C). Serial Clock (C). This input signal provides the timing of the serial interface. Instructions, address- es, or data present at Serial Data Input (D) are latched on the rising edge of Serial Clock (C). Data on Serial Data Output (Q) changes after the falling edge of Serial Clock (C). Chip Select (S). When this input signal is High, the device is deselected and Serial Data Output (Q) is at high impedance. Unless an internal Read, Program, Erase or Write cycle is in progress, the device will be in the Standby mode (this is not the Deep Power-down mode). Driving Chip Select (S) Low enables the device, placing it in the active power mode. After Power-up, a falling edge on Chip Select (S) is required prior to the start of any instruction. Reset (Reset). The Reset (Reset) input provides a hardware reset for the memory. In this mode, the outputs are high impedance. When Reset (Reset) is driven High, the memory is in the normal operating mode. When Reset (Re- set) is driven Low, the memory will enter the Reset mode, provided that no internal operation is cur- rently in progress. Driving Reset (Reset) Low while an internal operation is in progress has no effect on that internal operation (a write cycle, program cycle, or erase cycle). Write Protect (W). This input signal puts the de- vice in the Hardware Protected mode, when Write Protect (W) is connected to VSS, causing the first 256 pages of memory to become read-only by pro- tecting them from write, program and erase oper- ations. When Write Protect (W) is connected to VCC, the first 256 pages of memory behave like the other pages of memory. |