| 전자부품 데이터시트 검색엔진 |
|
TMX320LF2402AVFS 데이터시트(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMX320LF2402AVFS 데이터시트(HTML) 67 Page - Texas Instruments |
|
67 / 134 page ![]() TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 67 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 watchdog (WD) timer module (continued) Table 14. WD Overflow (Time-out) Selections WD PRESCALE SELECT BITS WDCLK DIVIDER WATCHDOG CLOCK RATE† WDPS2 WDPS1 WDPS0 WDCLK DIVIDER FREQUENCY (Hz) 0 0 X‡ 1 WDCLK/1 0 1 0 2 WDCLK/2 0 1 1 4 WDCLK/4 1 0 0 8 WDCLK/8 1 0 1 16 WDCLK/16 1 1 0 32 WDCLK/32 1 1 1 64 WDCLK/64 † WDCLK = CLKOUT/512 ‡ X = Don’t care development support Texas Instruments (TI) offers an extensive line of development tools for the x240xA generation of DSPs, including tools to evaluate the performance of the processors, generate code, develop algorithm implementations, and fully integrate and debug software and hardware modules. The following products support development of x240xA-based applications: Software Development Tools: Assembler/linker Simulator Optimizing ANSI C compiler Application algorithms C/Assembly debugger and code profiler Hardware Development Tools: Emulator XDS510 (supports x24x multiprocessor system debug) TMS320LF2407 EVM (Evaluation module for 2407 DSP) See Table 15 and Table 16 for complete listings of development support tools for the x240xA. For information on pricing and availability, contact the nearest TI field sales office or authorized distributor. Table 15. Development Support Tools DEVELOPMENT TOOL PLATFORM PART NUMBER Software Code Composer Studio v.2.2 PC TMDSCCS2000-1 Hardware − Emulation Debug Tools XDS510PP Pod (Parallel Port) with JTAG cable PC TMDS3P701014 PC is a trademark of International Business Machines Corp.. Code Composer Studio, XDS510, and XDS510PP are trademarks of Texas Instruments. |