| 전자부품 데이터시트 검색엔진 |
|
MCP9804T-E/MS 데이터시트(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9804T-E/MS 데이터시트(HTML) 27 Page - Microchip Technology |
|
27 / 52 page ![]() © 2009-2012 Microchip Technology Inc. DS22203C-page 27 MCP9804 5.1.4 MANUFACTURER ID REGISTER This register is used to identify the manufacturer of the device in order to perform manufacturer-specific operation. The Manufacturer ID for the MCP9804 is 0x0054 (hexadecimal). FIGURE 5-6: Timing Diagram for Reading the Manufacturer ID Register (see Section 4.0 “Serial Communication”). REGISTER 5-5: MANUFACTURER ID REGISTER – READ-ONLY ( → ADDRESS ‘0000 0110’b) R-0 R-0 R-0 R-0 R-0 R-0 R-0 R-0 Manufacturer ID bit 15 bit 8 R-0 R-1 R-0 R-1 R-0 R-1 R-0 R-0 Manufacturer ID bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-0 Device Manufacturer Identification bits SDA A C K 00 1 1 A Manufacturer ID Pointer 00 0 0 A C K S 2 A 1 A 0 1 2 3 4 567 8 1 2 345 678 SCL 0 Address Byte A C K 00 1 1 A MSB Data A C K N A K S P 2 A 1 A 0 1 2 3 4 567 8 1 2 345 6 7 8 12 3 4 567 8 Address Byte LSB Data R MCP9804 MCP9804 MCP9804 Master Master W SDA SCL 11 0 00 00 0 00 0 0 1 0 1 0 10 0 Note: It is not necessary to select the Register Pointer if it was set from the previous read/write. |