| 전자부품 데이터시트 검색엔진 |
|
M_SERIES 데이터시트(PDF) 3 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
M_SERIES 데이터시트(HTML) 3 Page - Copal Electronics |
|
3 / 3 page ![]() ■ OUTLINE DIMENSIONS (Unit: mm) O M-1303 (3 turns) O M-1305 (5 turns) O M-22S10 (10 turns) O M-22E10 (10 turns) M series POTENTIOMETERS Part number Mark M-22E10 M-22E10-050 A 3/8” 32 UNEF M 9 (P = 0.75) M 6 (P = 0.75) 2.8 0.3 0.3 9.7 0.7 0.3 1.2 10 6.5 0.5 16.1 1 32 2 10 0.8 hole 3 2 2 φ M9 (P=0.75) 3 – 1.5 3 – 3 40° φ 4.5 1.2 15 1.6 18.5 (23) (41.5) 6.4 (10) 4 A 3 – 1.5 3 – 3 21 40° φ 6.1 1.2 15 1.5 19 (23) (42) 6.5 (7.2) 5.7 1 2 3 Wiring diagram CW O MC1003, JC10, M-1303, M-1305 in common O For mm size (M-22E10-050, M-22S10 in common) O For inch size (M-22E10) 92 M6, P=0.75 11 φ φ 6.4 0.63 1.3 12 2 M9, P=0.75 12.9 φ φ 9.4 0.5 1 12.7 2.3 3/8 inch 32 UNEF 15 φ φ 10 0.45 0.9 |