전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RACD04 데이터시트(PDF) 3 Page - Recom International Power

부품명 RACD04
상세설명  low Standby Power, ErP conform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD04 데이터시트(HTML) 3 Page - Recom International Power

  RACD04 Datasheet HTML 1Page - Recom International Power RACD04 Datasheet HTML 2Page - Recom International Power RACD04 Datasheet HTML 3Page - Recom International Power RACD04 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
Plastic (UL94 V-2)
Silicone (UL94 V-0)
Package Dimension (LxWxH)
38.0 x 27.0 x 21.0mm
Package Weight
40g
AC/DC Converter
L-3
REV.: 0/2016
www.recom-power.com
RACD04
Series
Specifications (measured @ ta= 25°C, 240VAC and rated load)
54.0
FC 48.0
27.0
38.0
8.4
1
2
3
tc
4
10±1
172±1
10±1
10.0
172±1
Mechanical Dimensions
EMI Compliance
Standard / Criterion
Equipment for general Lighting Purpose EMC Immunity Requirements
307650
EN61547, 2009
Limits and methods of measurement of radio disturbance characteristics of electrical lighting and similar equipment
EN55015
Assessment of lighting equipment related to human exposure to electromagnetic fields
EN62493, 2015
ESD Electrostatic discharge immunity test
±8kV Air Discharge,
±4kV Contact Discharge
EN61000-4-2, 2009, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
EN61000-4-3, 2010, Criteria A
Fast Transient and Burst Immunity
±0.5kV (DC Output)
±1kV (AC Input)
EN61000-4-4, 2012, Criteria B
Surge Immunity
±0.5kV (AC Input)
EN61000-4-5, 2014, Criteria C
Immunity to conducted disturbances, induced by radio-frequency fields
3V
EN61000-4-6, 2014, Criteria A
Voltage Dips and Interuptions
100% reduction, 10ms
30% reduction, 200ms
EN61000-4-11, 2014, Criteria B
EN61000-4-11, 2014, Criteria C
Limits of Harmonic Current Emissions
EN61000-3-2, Class C, 2014
Voltage Fluctuations and Flicker in Public Low-Voltage Systems <=16A per phase
EN61000-3-3, 2013
Wired Connection
# Function Wire Color
Type
Strands
1 VAC in (N)
blue
UL-1007, AWG18
41/0.16
2 VAC in (L)
brown
UL-1007, AWG18
41/0.16
3
LED+
red
UL-1007, AWG18
41/0.16
4
LED-
black
UL-1007, AWG18
41/0.16
tc= case temperature measuring point
FC= fixing centers
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.35mm



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com