| 전자부품 데이터시트 검색엔진 |
|
SN74LVC2T45DCTR 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC2T45DCTR 데이터시트(HTML) 8 Page - Texas Instruments |
|
8 / 22 page ![]() SN74LVC2T45 DUALBIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS SCES516E − DECEMBER 2003 − REVISED MAY 2004 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS VCCA = VCCB = 1.8 V VCCA = VCCB = 2.5 V VCCA = VCCB = 3.3 V VCCA = VCCB = 5 V UNIT PARAMETER TEST CONDITIONS TYP TYP TYP TYP UNIT CpdA† A port input, B port output 3 4 4 4 CpdA† B port input, A port output CL = 0, f = 10 MHz, 18 19 20 21 pF CpdB† A port input, B port output L f = 10 MHz, tr = tf =1 ns 18 19 20 21 pF CpdB† B port input, A port output tr = tf =1 ns 3 4 4 4 † Power-dissipation capacitance per transceiver |