| 전자부품 데이터시트 검색엔진 |
|
MR2-12G-Z 데이터시트(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
MR2-12G-Z 데이터시트(HTML) 2 Page - Copal Electronics |
|
2 / 3 page ![]() D-cut 1/4 ″-40 THD D-cut 1/4 ″-40 THD D-cut 1/4 ″-40 THD D-cut 1/4 ″-40 THD MR (30°step) MR1 −12−Z MR2 −6−Z MR3 −4−Z MR4 −3−Z 1 −pole 12−position 2 −pole 6−position 3 −pole 4−position 4 −pole 3−position Part No. Number of steps Step angle ★MR1−12−Z 360 °Endless 30 ° Part No. Number of steps Step angle ★MR2−6−Z 5 Repetition of from 1 to 6 30 ° ★MR2−6G−Z Part No. Number of steps Step angle ★MR3−4−Z 3 Repetition of from 1 to 4 30 ° ★MR3−4G−Z Part No. Number of steps Step angle ★MR4−3−Z 2 Repetition of from 1 to 3 30 ° − Terminal numbers are shown on the switch. Terminal numbers are shown on the switch. Terminal numbers are shown on the switch. Terminal numbers are shown on the switch. Circuit diagram Circuit diagram Circuit diagram Circuit diagram ●The circuit diagrams show the switches as viewed from the terminal side with the shaft fully turned in the counter-clockwise direction. Note that the MR1-12 is of an endless type, check the connecting terminals with a circuit tester. ★:Made to order products. |