| 전자부품 데이터시트 검색엔진 |
|
TD220 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TD220 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 8 page ![]() Absolute Maximum Rating TD220/221 3/8 2 ABSOLUTE MAXIMUM RATING OPERATING CONDITIONS Typical waveform of current in VSUP pin Symbol Parameter Value Unit VCC DC Supply Voltage (Icc<5mA) -0.3 to selflimit V Vout Voltage on GATE and VCAP pins -0.3 to VCC+0.3 V Vin Voltage on IN and VOUT pins -0.3 to 7 V Isup Continuous current in VSUP pin -200 to 200 mA Ipeak Peak current in VSUP pin (tp ≤1µs, f≤150kHz, see waveform below) -1.0 to 1.0 A Pd Power dissipation 500 mW Tstg Storage temperature -55 to 150 °C Tj Maximum Junction Temperature 150 °C Rhja Thermal Resistance Junction-Ambient 150 °C/W Rhjc Thermal Resistance Junction-Case 40 °C/W ESD Electrostatic discharge (HBM) 2kV Symbol Parameter Value Unit VCC Supply Voltage UVLO to 17 V Isup Continuous current in VSUP pin 0 to 200 mA Ipeak Peak current in VSUP pin (tp ≤1µs, f≤150kHz, see waveform below) -1.0 to 1.0 A Tj Junction Temperature -25 to 125 °C Ipeak tp 10mA |