전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM32 데이터시트(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM32
상세설명  Series 3-Terminal Negative Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM32 데이터시트(HTML) 8 Page - National Semiconductor (TI)

Back Button LM32 Datasheet HTML 4Page - National Semiconductor (TI) LM32 Datasheet HTML 5Page - National Semiconductor (TI) LM32 Datasheet HTML 6Page - National Semiconductor (TI) LM32 Datasheet HTML 7Page - National Semiconductor (TI) LM32 Datasheet HTML 8Page - National Semiconductor (TI) LM32 Datasheet HTML 9Page - National Semiconductor (TI) LM32 Datasheet HTML 10Page - National Semiconductor (TI) LM32 Datasheet HTML 11Page - National Semiconductor (TI) LM32 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Connection Diagrams
TLH7767 – 13
Bottom View
Metal Can Package TO-39 (H)
Order Number LM120H-50 LM120H-12 LM120H-15
LM120H-50883 LM120H-12883 LM120H-15883
LM320H-50 LM320H-12 or LM320H-15
See NS Package Number H03A
TLH7767 – 14
Bottom View
Steel Metal Can Package TO-3 (K)
Order Number LM120K-50883 LM120K-12883
LM120K-15883 LM320K-50 LM320K-12 or LM320K-15
See NS Package Number K02A
TLH7767 – 17
Front View
Power Package TO-220 (T)
Order Number LM320T-50 LM320T-12 or LM320T-15
See NS Package Number T03B
Schematic Diagrams
b
5V
TLH7767 – 18
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12