| 전자부품 데이터시트 검색엔진 |
|
BM20 데이터시트(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
BM20 데이터시트(HTML) 17 Page - Microchip Technology |
|
17 / 46 page ![]() Stereo Module 2015 Microchip Technology Inc. Page 17 Preliminary Edition 2.5 EXTERNAL CONFIGURATION Stereo module can be configured and firmware programmed using an external configuration and programming tool available from Microchip. Figure 2‐7 shows the configuration and firmware programming interface on BM23. It is recommended to include a pin header on the main PCB for development. Configuration and firmware programming modes are entered accordingly to the system configuration I/O pins as shown in Table 2-1. Pin P20, P24 and EAN pin have internal pull‐up. FIGURE 2-13: EXTERNAL PROGRAMMING HEADER CONNECTIONS (Here is the interface connect example of the BM23) TABLE 2-1: SYSTEM CONFIGURATION SETTINGS P20 P24 EAN Operational Mode High High High APP mode (Normal operation) Low High High Test mode (Write EEPROM) Low Low High Write Flash (Firmware programming if flash build-in in chip) |